Electronic Components Datasheet Search
  English  ▼

X  

AS1302 Datasheet(PDF) 9 Page - ams AG

Part # AS1302
Description  5V/30mA Adaptive Inductorless Boost Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1302 Datasheet(HTML) 9 Page - ams AG

Back Button AS1302_07 Datasheet HTML 5Page - ams AG AS1302_07 Datasheet HTML 6Page - ams AG AS1302_07 Datasheet HTML 7Page - ams AG AS1302_07 Datasheet HTML 8Page - ams AG AS1302_07 Datasheet HTML 9Page - ams AG AS1302_07 Datasheet HTML 10Page - ams AG AS1302_07 Datasheet HTML 11Page - ams AG AS1302_07 Datasheet HTML 12Page - ams AG AS1302_07 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
www.austriamicrosystems.com/DC-DC_Step-Up/AS1302
Revision 1.03
8 - 18
AS1302
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
Figure 20. Turn-ON / Turn-OFF Time @ load = 166
Ω
Figure 21. Inrush Current; no load
200µs/Div
50µs/Div
Figure 22. Switching Frequency vs. Input Voltage;
IOUT = 2mA
Figure 23. Switching Frequency vs. Input Voltage;
IOUT = 20mA
40
45
50
55
60
65
2.9
3.2
3.5
3.8
4.1
4.4
4.7
5
Input Voltage (V)
0.9
1
1.1
1.2
1.3
1.4
1.5
2.9
3.2
3.5
3.8
4.1
4.4
4.7
5
Input Voltage (V)
Figure 24. Switching Frequency vs. Temperature;
IOUT = 2mA
Figure 25. Switching Frequency vs. Temperature;
IOUT = 20mA
40
45
50
55
60
65
-45
-30 -15
0
15
30
45
60
75
90
Temperature (°C)
0.9
1
1.1
1.2
1.3
1.4
1.5
-45 -30
-15
0
15
30
45
60
75
90
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com