Electronic Components Datasheet Search
  English  ▼

X  

MR116L Datasheet(PDF) 1 Page - API Technologies Corp

Part # MR116L
Description  RF/LO: 2 to 18 GHz IF: 1 to 10 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

MR116L Datasheet(HTML) 1 Page - API Technologies Corp

  MR116L Datasheet HTML 1Page - API Technologies Corp MR116L Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Spectrum Microwave
8 Executive Drive
Hudson, NH 03051
Phone: 603-459-1600
Fax: 603-459-1605
www.SpectrumMicrowave.com
SPECIFICATION
MR116L TRIPLE BALANCED MIXER
BULLETIN
RF/LO: 2 to 18 GHz IF: 1 to 10 GHz
Standard Product Features:
•
Broadband RF Performance
•
6.0 dB Typical Conversion Loss
•
30 dB Typical Isolation
•
IF Coverage 1.0 to 10.0 GHz
•
Low Cost
•
Versatile Package
Specifications
Typical
Min.
Max.
RF Input Frequency Range
-----
2.0 GHz
18.0 GHz
LO Frequency
-----
2.0 GHz
18.0 GHz
IF Output Frequency Range
-----
1.0 GHz
10.0 GHz
Conversion Loss
6.5 dB
----
10.5 dB
LO Drive Level
11 dBm
9 dBm
13 dBm
Isolation, LO to RF
30 dB
20 dB
---
LO to IF
25 dB
15 dB
---
VSWR, RF
2.2:1
---
---
LO
1.6:1
---
---
Input Two-Tone Third Order IP (IP3)
17 dBm
12 dBm
---
Input 1 dB Compression (dBm)
7 dBm
4 dBm
---
Operating Temperature Range
---
-25 C
+75 C
Storage Temperature Range
---
-65 C
+125 C
Note: Alternate LO drive levels are available. Consult the factory for your specific requirements.
OUTLINE DRAWING
Specification Revision - 072010


Similar Part No. - MR116L

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
MR11 GILWAY-MR11 Datasheet
158Kb / 4P
Product Information Bulletin TRU-AIM MR11 & MR16 FAMILY Low Voltage Halogen Lamps
logo
Teledyne FLIR LLC
MR11 FLIR-MR11 Datasheet
1Mb / 9P
MOISTURE METER GUIDE FIND THE RIGHT SOLUTION
07/18
logo
Digitron Semiconductors
MR1120 DIGITRON-MR1120 Datasheet
177Kb / 3P
12A STANDARD RECOVERY RECTIFIER
logo
New Jersey Semi-Conduct...
MR1120 NJSEMI-MR1120 Datasheet
86Kb / 1P
Peek Rep짬titiva Reverie Voltage
logo
Digitron Semiconductors
MR1121 DIGITRON-MR1121 Datasheet
177Kb / 3P
12A STANDARD RECOVERY RECTIFIER
More results

Similar Description - MR116L

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
MR143M APITECH-MR143M Datasheet
112Kb / 1P
RF/LO: 4 to 18 GHz IF: 1 to 10 GHz
MR143L APITECH-MR143L Datasheet
186Kb / 3P
RF/LO: 4 to 18 GHz IF: 1 to 10 GHz
MR143H APITECH-MR143H Datasheet
196Kb / 3P
RF/LO: 4 to 18 GHz IF: 1 to 10 GHz
MR142M APITECH-MR142M Datasheet
114Kb / 1P
RF / LO: 4 to 18 GHz IF: 10 to 5000 GHz
MR142L APITECH-MR142L Datasheet
112Kb / 1P
RF/LO: 4 to 18 GHz IF: 10 to 5000 GHz
MR142H APITECH-MR142H Datasheet
113Kb / 1P
RF/LO: 4 to 18 GHz IF: 10 to 5000 GHz
MR140M APITECH-MR140M Datasheet
133Kb / 1P
RF: 4 to 18 GHz IF: 1 to 10 GHz
MR140L APITECH-MR140L Datasheet
179Kb / 3P
RF/LO: 4 to 18 GHz IF:1 to 10 GHz
MR126L APITECH-MR126L Datasheet
109Kb / 1P
RF/LO: 1 to 18 GHz IF: DC to 500 MHz
MR118 APITECH-MR118 Datasheet
209Kb / 3P
RF/LO: 2 to 18 GHz IF: 10 to 5000 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com