Electronic Components Datasheet Search
  English  ▼

X  

AS1330 Datasheet(PDF) 1 Page - ams AG

Part # AS1330
Description  4MHz, Low Vol tage, DC-DC Step-Up Conver ter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1330 Datasheet(HTML) 1 Page - ams AG

  AS1330_12 Datasheet HTML 1Page - ams AG AS1330_12 Datasheet HTML 2Page - ams AG AS1330_12 Datasheet HTML 3Page - ams AG AS1330_12 Datasheet HTML 4Page - ams AG AS1330_12 Datasheet HTML 5Page - ams AG AS1330_12 Datasheet HTML 6Page - ams AG AS1330_12 Datasheet HTML 7Page - ams AG AS1330_12 Datasheet HTML 8Page - ams AG AS1330_12 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
austriamicrosystems AG
is now
ams AG
The technical content of this austriamicrosystems datasheet is still valid.
Contact information:
Headquarters:
ams AG
Tobelbaderstrasse 30
8141 Unterpremstaetten, Austria
Tel: +43 (0) 3136 500 0
e-Mail: ams_sales@ams.com
Please visit our website at www.ams.com


Similar Part No. - AS1330_12

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1330-BTDT-18 AMSCO-AS1330-BTDT-18 Datasheet
1Mb / 16P
4MHz, Low Voltage, DC-DC Step-Up Converter
AS1330-BTDT-30 AMSCO-AS1330-BTDT-30 Datasheet
1Mb / 16P
4MHz, Low Voltage, DC-DC Step-Up Converter
AS1330-BTDT-AD AMSCO-AS1330-BTDT-AD Datasheet
1Mb / 16P
4MHz, Low Voltage, DC-DC Step-Up Converter
More results

Similar Description - AS1330_12

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1896 AIC-AIC1896 Datasheet
734Kb / 15P
1. 4MHz Thin Package Current-Mode Step-Up DC/DC Converter
logo
ams AG
AS1330 AMSCO-AS1330 Datasheet
1Mb / 16P
4MHz, Low Voltage, DC-DC Step-Up Converter
AS1312 AMSCO-AS1312 Datasheet
577Kb / 20P
Ul t ra Low Quiescent Cur rent , Hysteret ic DC-DC Step-Up Conver ter
AS1322 AMSCO-AS1322_13 Datasheet
827Kb / 18P
Low Vol tage, Micropower, DC-DC Step-Up Conver ters
AS1324 AMSCO-AS1324_13 Datasheet
1Mb / 21P
1.5MHz, 600mA Synchronous DC/DC Conver ter
AS1329 AMSCO-AS1329_13 Datasheet
862Kb / 20P
Low Vol tage, Micropower, DC-DC Step-Up Conver ters
AS1341 AMSCO-AS1341_13 Datasheet
990Kb / 18P
650mA, Ul t ra low Ripple Step Down DC/DC Conver ter
AS7620 AMSCO-AS7620_13 Datasheet
637Kb / 16P
650mA, Ul t ra low Ripple Step Down DC/DC Conver ter
logo
Infineon Technologies A...
AN256 INFINEON-AN256 Datasheet
395Kb / 11P
Ul t ra Low Vol tage Drop LED
Revision: 0.1 20 June 2011
logo
SHOUDING Shouding Semic...
SD8911-AJ SHOUDING-SD8911-AJ Datasheet
1Mb / 12P
Dual Channe l Synchro nous Buck D C/DC Conver ter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com