Electronic Components Datasheet Search
  English  ▼

X  

AS1339 Datasheet(PDF) 12 Page - ams AG

Part # AS1339
Description  650mA RF Step-Down DC-DC for PA, with two LDOs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1339 Datasheet(HTML) 12 Page - ams AG

Back Button AS1339 Datasheet HTML 8Page - ams AG AS1339 Datasheet HTML 9Page - ams AG AS1339 Datasheet HTML 10Page - ams AG AS1339 Datasheet HTML 11Page - ams AG AS1339 Datasheet HTML 12Page - ams AG AS1339 Datasheet HTML 13Page - ams AG AS1339 Datasheet HTML 14Page - ams AG AS1339 Datasheet HTML 15Page - ams AG AS1339 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
www.austriamicrosystems.com/DC-DC_Step-Down/AS1339
Revision 1.05
11 - 25
AS1339
Datasheet - Ty p i c a l O p e r a t i o n C h a r a c t e r i s t i c s
Figure 21. DC-DC Efficiency vs Input Voltage;
VOUT = 1.0V
Figure 22. DC-DC Line Regulation, VOUT vs. VIN;
VOUT = 3.8V
60
70
80
90
100
2.7 3.05 3.4 3.75 4.1 4.45 4.8 5.15 5.5
Input Voltage (V)
Iout = 300mA
Iout = 400mA
Iout = 500mA
Iout = 600mA
2
2.5
3
3.5
4
4.5
2.7 3.05 3.4 3.75 4.1 4.45 4.8 5.15 5.5
Input Voltage (V)
Iout = 300mA
Iout = 400mA
Iout = 500mA
Iout = 600mA
PWM
Mode
Bypass
Mode
Figure 23. DC-DC Line Regulation, VOUT vs. VIN;
VOUT = 3.4V
Figure 24. DC-DC Line Regulation, VOUT vs. VIN;
VOUT = 2.0V
2
2.5
3
3.5
4
4.5
2.7 3.05 3.4 3.75 4.1 4.45 4.8 5.15 5.5
Input Voltage (V)
Iout = 300mA
Iout = 400mA
Iout = 500mA
Iout = 600mA
PWM
Mode
Bypass
Mode
1.97
1.98
1.99
2.00
2.01
2.02
2.03
2.7 3.05 3.4 3.75 4.1 4.45 4.8 5.15 5.5
Input Voltage (V)
Iout = 300mA
Iout = 400mA
Iout = 500mA
Iout = 600mA
Figure 25. DC-DC Line Regulation, VOUT vs. VIN;
VOUT = 1.5V
Figure 26. DC-DC Line Regulation, VOUT vs. VIN;
VOUT = 1.0V
1.47
1.48
1.49
1.50
1.51
1.52
1.53
2.7 3.05 3.4 3.75 4.1 4.45 4.8 5.15 5.5
Input Voltage (V)
Iout = 300mA
Iout = 400mA
Iout = 500mA
Iout = 600mA
0.97
0.98
0.99
1
1.01
1.02
1.03
2.7 3.05 3.4 3.75 4.1 4.45 4.8 5.15 5.5
Input Voltage (V)
Iout = 300mA
Iout = 400mA
Iout = 500mA
Iout = 600mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com