Electronic Components Datasheet Search
  English  ▼

X  

AS1358 Datasheet(PDF) 12 Page - ams AG

Part # AS1358
Description  150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1358 Datasheet(HTML) 12 Page - ams AG

Back Button AS1358 Datasheet HTML 8Page - ams AG AS1358 Datasheet HTML 9Page - ams AG AS1358 Datasheet HTML 10Page - ams AG AS1358 Datasheet HTML 11Page - ams AG AS1358 Datasheet HTML 12Page - ams AG AS1358 Datasheet HTML 13Page - ams AG AS1358 Datasheet HTML 14Page - ams AG AS1358 Datasheet HTML 15Page - ams AG AS1358 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
www.austriamicrosystems.com
Revision 1.5
11 - 16
AS1358 / AS1359
Datasheet - Application In form atio n
Total Thermal Path Resistance:
(EQ 6)
Junction Temperature (TJºC) is determined by:
ºC
(EQ 7)
9.5 Explanation of Steady State Specifications
9.5.1 Line Regulation
Line regulation is defined as the change in output voltage when the input (or line) voltage is changed by a known quantity. It is a measure of the
regulator’s ability to maintain a constant output voltage when the input voltage changes. Line regulation is a measure of the DC open loop gain
of the error amplifier. More generally:
Line Regulation =
and is a pure number
(EQ 8)
In practise, line regulation is referred to the regulator output voltage in terms of % / VOUT. This is particularly useful when the same regulator is
available with numerous output voltage trim options.
Line Regulation =
% / V
(EQ 9)
9.5.2 Load Regulation
Load regulation is defined as the change of the output voltage when the load current is changed by a known quantity. It is a measure of the
regulator’s ability to maintain a constant output voltage when the load changes. Load regulation is a measure of the DC closed loop output
resistance of the regulator. More generally:
Load Regulation =
and is units of ohms (
)(EQ 10)
In practise, load regulation is referred to the regulator output voltage in terms of % / mA. This is particularly useful when the same regulator is
available with numerous output voltage trim options.
Load Regulation =
% / mA
(EQ 11)
9.5.3 Setting Accuracy
The regulator is supplied pre-trimmed, so that the output voltage accuracy is fully defined in the output voltage specification.
9.5.4 Total Accuracy
Away from dropout, total steady state accuracy is the sum of setting accuracy, load regulation and line regulation. Generally:
Total % Accuracy = Setting % Accuracy + Load Regulation % + Line Regulation %
(EQ 12)
9.6 Explanation of Dynamic Specifications
9.6.1 Power Supply Rejection Ratio (PSRR)
Known also as Ripple Rejection, this specification measures the ability of the regulator to reject noise and ripple beyond DC. PSRR is a
summation of the individual rejections of the error amplifier, reference and AC leakage through the series pass transistor. The specification, in
the form of a typical attenuation plot with respect to frequency, shows up the gain bandwidth compromises forced upon the designer in low
quiescent current conditions. Generally:
PSSR =
dB using lower case
to indicate AC values
(EQ 13)
Power supply rejection ratio is fixed by the internal design of the regulator. Additional rejection must be provided externally.
R
JA
R
JC
R
CS
R
SA
++
=
TJ
PD MAX

R
JA
 T
AMB
+
=
V
OUT
V
IN
----------------
V
OUT
V
IN
----------------
100
VOUT
------------
V
OUT
I
OUT
----------------
V
OUT
I
OUT
----------------
100
V
OUT
----------------
20Log
V
OUT
V
IN
----------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com