Electronic Components Datasheet Search
  English  ▼

X  

AS1360 Datasheet(PDF) 10 Page - ams AG

Part # AS1360
Description  1.5A Low-Power, Posi t ive Vol tage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1360 Datasheet(HTML) 10 Page - ams AG

Back Button AS1360 Datasheet HTML 6Page - ams AG AS1360 Datasheet HTML 7Page - ams AG AS1360 Datasheet HTML 8Page - ams AG AS1360 Datasheet HTML 9Page - ams AG AS1360 Datasheet HTML 10Page - ams AG AS1360 Datasheet HTML 11Page - ams AG AS1360 Datasheet HTML 12Page - ams AG AS1360 Datasheet HTML 13Page - ams AG AS1360 Datasheet HTML 14Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
www.austriamicrosystems.com/LDOs/AS1360
Revision 1.07
9 - 13
AS1360
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
External Component Selection
Input Capacitor
In applications where input impedance is approximately 10
Ω, a 1 F capacitor is sufficient for CIN (see Figure 14 on page 8).
In cases where the AS1360 is operated from a battery, or when there is significant distance between the input source to the AS1360, larger val-
ues for CIN may be required for output stability.
Note:
For values of COUT > 1 F, the value of CIN should be increased to prevent high source-impedance oscillations.
Output Capacitor
In most applications for the AS1360, a 1 F capacitor (ESR > 0.1
Ω/< 5Ω, fRES > 1MHz) is sufficient for COUT (see Figure 14 on page 8).
For improved power supply noise rejection and device transient response, larger values can be used for COUT.
Note:
For values of COUT > 1 F, the input impedance must not be so large that it causes high-input impedance oscillations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com