Electronic Components Datasheet Search
  English  ▼

X  

AS1390B Datasheet(PDF) 10 Page - ams AG

Part # AS1390B
Description  High Power Boost Cont rol ler and Buck Conver ter for LED Backl ight
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1390B Datasheet(HTML) 10 Page - ams AG

Back Button AS1390B Datasheet HTML 6Page - ams AG AS1390B Datasheet HTML 7Page - ams AG AS1390B Datasheet HTML 8Page - ams AG AS1390B Datasheet HTML 9Page - ams AG AS1390B Datasheet HTML 10Page - ams AG AS1390B Datasheet HTML 11Page - ams AG AS1390B Datasheet HTML 12Page - ams AG AS1390B Datasheet HTML 13Page - ams AG AS1390B Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
www.austriamicrosystems.com/Power-Management/AS1390
Revision 1.04
9 - 20
AS1390A, AS1390B
Datasheet - O p e r a t i n g C h a r a c t e r i s t i c s
Figure 16. Load Regulation
Figure 17. Start with EN_BOOST pin
1ms/Div
2ms/Div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com