Electronic Components Datasheet Search
  English  ▼

X  

AS1374-BWLT Datasheet(PDF) 3 Page - ams AG

Part # AS1374-BWLT
Description  Dual 200mA, Low-Noise, High-PSRR, Low Dropout Regulators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1374-BWLT Datasheet(HTML) 3 Page - ams AG

  AS1374-BWLT Datasheet HTML 1Page - ams AG AS1374-BWLT Datasheet HTML 2Page - ams AG AS1374-BWLT Datasheet HTML 3Page - ams AG AS1374-BWLT Datasheet HTML 4Page - ams AG AS1374-BWLT Datasheet HTML 5Page - ams AG AS1374-BWLT Datasheet HTML 6Page - ams AG AS1374-BWLT Datasheet HTML 7Page - ams AG AS1374-BWLT Datasheet HTML 8Page - ams AG AS1374-BWLT Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
AS1374
Datasheet - Pin Assignm ents
www.austriamicrosystems.com/LDOs/AS1374
Revision 1.8
2 - 18
4 Pin Assignments
Figure 2. Pin Assignments (Top View)
4.1 Pin Descriptions
Table 1. Pin Descriptions
Pin Number
Pin Name
Description
1OUT 2
Regulated Output Voltage 2. Bypass this pin with a capacitor to GND. See Application
Information for capacitor selection.
2VDD
Input Supply
3OUT 1
Regulated Output Voltage 1. Bypass this pin with a capacitor to GND. See Application
Information for capacitor selection.
4EN 2
Enable 2. Pull this pin to logic low to disable Regulated Output 2 voltage.
5GND
Ground
6EN 1
Enable 1. Pull this pin to logic low to disable Regulated Output 1 voltage.
AS1374
4
13
6
5
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com