Electronic Components Datasheet Search
  English  ▼

X  

MCP120 Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP120
Description  Microcontroller Supervisory Circuit with Open Drain Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP120 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP120 Datasheet HTML 8Page - Microchip Technology MCP120 Datasheet HTML 9Page - Microchip Technology MCP120 Datasheet HTML 10Page - Microchip Technology MCP120 Datasheet HTML 11Page - Microchip Technology MCP120 Datasheet HTML 12Page - Microchip Technology MCP120 Datasheet HTML 13Page - Microchip Technology MCP120 Datasheet HTML 14Page - Microchip Technology MCP120 Datasheet HTML 15Page - Microchip Technology MCP120 Datasheet HTML 16Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
MCP120/130
DS11184D-page 14
 2001 Microchip Technology Inc.
PRODUCT IDENTIFICATION SYSTEM
To order or to obtain information (e.g., on pricing or delivery), please refer to the factory or the listed sales offices.
Sales and Support
PART NO.
X
/XX
Package
Temperature
Range
Device
Device:
MCP120:
Supervisor circuit with open drain output
MCP120T:
Supervisor circuit with open drain output
(tape & reel)
MCP130:
Supervisor circuit with open drain output and
internal pull-up resistor
MCP130T:
Supervisor circuit with open drain output and
internal pull-up resistor (tape & reel)
RESET/RESET VTRIP
Voltage
270
=
2.55
≤ VTRIP ≤ 2.70
300
=
2.85
≤ VTRIP ≤ 3.00
315
=
3.00
≤ VTRIP ≤ 3.15
450
=
4.25
≤ VTRIP ≤ 4.50
460
=
4.35
≤ VTRIP ≤ 4.60
475
=
4.50
≤ VTRIP ≤ 4.75
485
=
4.60
≤ VTRIP ≤ 4.85
Bondout Option:
(TO-92 Only)
D
=
D Bond Option (see bond option chart)
F
=
F Bond Option
G
=
G Bond Option
H
=
H Bond Option
Temperature Range:
I
=
-40
°C to +85°C (only offered in I)
Package:
SN
=
SOIC (8-lead, 150 mil body)
TO
=
TO-92 (3-lead) [offered in bags only]
TT
=
SOT-23 (3-lead) [offered in tape & reel only]
Examples:
a)
MCP120–270I/SN = VTRIP range of 2.55V -
2.70V, Industrial Temp., SOIC package
b)
MCP120–300DI/TO = VTRIP range of 2.85V -
3.00V, Bonding Option D, Industrial Temp.,
TO-92 package
c)
MCP120T–315I/TT = VTRIP range of 3.00V -
3.15V, Industrial Temp., SOT-23 package
d)
MCP130–450I/SN = VTRIP range of 4.25V -
4.50V, Industrial Temp., SOIC package
e)
MCP130–460FI/TO = VTRIP range of 4.35V -
4.60V, Bonding Option F, Industrial Temp.,
TO-92 package
f)
MCP130T–475I/TT = Tape & Reel, VTRIP
range of 4.50V - 4.75V, Industrial Temp.,
SOT-23 package
X
Bondout
Option
X
RESET/
RESET
VTRIP
Voltage
VSS
VDD
RST
VSS
VDD
RST
TO-92 with
‘D’ Bondout
TO-92 with
‘F’ Bondout
MCP120
MCP130
MCP130
VSS
VDD
RST
VSS
VDD
RST
TO-92 with
‘G’ Bondout
TO-92 with
‘H’ Bondout
MCP120
MCP130
MCP120
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recom-
mended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277
3.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
New Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com