Electronic Components Datasheet Search
  English  ▼

X  

MCP201 Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP201
Description  LIN Transceiver with Voltage Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP201 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP201 Datasheet HTML 2Page - Microchip Technology MCP201 Datasheet HTML 3Page - Microchip Technology MCP201 Datasheet HTML 4Page - Microchip Technology MCP201 Datasheet HTML 5Page - Microchip Technology MCP201 Datasheet HTML 6Page - Microchip Technology MCP201 Datasheet HTML 7Page - Microchip Technology MCP201 Datasheet HTML 8Page - Microchip Technology MCP201 Datasheet HTML 9Page - Microchip Technology MCP201 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
MCP201
DS21730F-page 6
© 2007 Microchip Technology Inc.
1.4
Typical Applications
FIGURE 1-2:
TYPICAL MCP201 APPLICATION(1,2)
FIGURE 1-3:
TYPICAL LIN NETWORK CONFIGURATION
LIN bus
D2(4)
VBAT
LIN
VREG
TXD
RXD
VSS
VDD
VSS
TXD
RXD
+5V
PIC®
+12V
10 uF
CG
CS/WAKE
I/O
FAULT/SLPS
I/O
27V
1k
Ω
+12V
Master Node Only
+12V
10 k
Ω
WAKE-UP
VREG or VSS
100 k
Ω
Optional components(5)
Optional components
MCP201
CF
D1(3)
Note 1: The load capacitor, CG, should be a ceramic or tantalum rated for extended temperatures and be in
the range of 1.0 - 22 µF with an ESR 0.4
Ω - 5Ω..
2: CF if the filter capacitor for the external voltage supply.
3: This diode is only needed if CS/WAKE is connected to 12V supply.
4: Transient suppressor diode. Vclamp L = 40V.
5: These components are for load dump protection.
24V
MCU
LIN bus
MCP201
Master
µC
1k
Ω
VBAT
Slave 1
µC
Slave 2
µC
Slave n <16
µC
40m
+ Return
LIN bus
LIN bus
MCP201
LIN bus
MCP201
LIN bus
MCP201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com