Electronic Components Datasheet Search
  English  ▼

X  

MCP606 Datasheet(PDF) 27 Page - Microchip Technology

Part # MCP606
Description  2.5V to 6.0V Micropower CMOS Op Amp
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP606 Datasheet(HTML) 27 Page - Microchip Technology

Back Button MCP606 Datasheet HTML 23Page - Microchip Technology MCP606 Datasheet HTML 24Page - Microchip Technology MCP606 Datasheet HTML 25Page - Microchip Technology MCP606 Datasheet HTML 26Page - Microchip Technology MCP606 Datasheet HTML 27Page - Microchip Technology MCP606 Datasheet HTML 28Page - Microchip Technology MCP606 Datasheet HTML 29Page - Microchip Technology MCP606 Datasheet HTML 30Page - Microchip Technology MCP606 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
© 2008 Microchip Technology Inc.
DS11177E-page 25
MCP606/7/8/9
APPENDIX A: REVISION HISTORY
Revision E (March 2008)
The following is the list of modifications:
1.
Increased maximum operating VDD.
2.
Added test circuits.
3.
Updated performance curves.
4.
Added Figure 2-31.
5.
Added
Section 4.1.1
“Phase
Reversal”,
Section 4.1.2 “Input Voltage and Current
Limits”, ad Section 4.1.3 “Normal Opera-
tion”.
6.
Updated
Section 5.0 “Design AIDS”
7.
Updated
Section 6.0 “Packaging Informa-
tion”. Updated package outline drawings.
Revision D (February 2005)
The following is the list of modifications:
1.
Added
Section 3.0 “Pin Descriptions”.
2.
Updated
Section 4.0 “Applications Information”.
3.
Added
Section 4.3 “Capacitive Loads”
4.
Updated
Section 5.0 “Design AIDS” to include
FilterLab® and to point to the latest SPICE
macro model.
5.
Corrected and updated
Section 6.0 “Packaging
Information”.
6.
Added
Appendix A: “Revision History”.
Revision C (January 2001)
• Undocumented changes
Revision B (May 2000)
• Undocumented changes
Revision A (January 2000)
• Original Release of this Document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com