Electronic Components Datasheet Search
  English  ▼

X  

MCP1700 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP1700
Description  Low Quiescent Current LDO
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1700 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP1700 Datasheet HTML 3Page - Microchip Technology MCP1700 Datasheet HTML 4Page - Microchip Technology MCP1700 Datasheet HTML 5Page - Microchip Technology MCP1700 Datasheet HTML 6Page - Microchip Technology MCP1700 Datasheet HTML 7Page - Microchip Technology MCP1700 Datasheet HTML 8Page - Microchip Technology MCP1700 Datasheet HTML 9Page - Microchip Technology MCP1700 Datasheet HTML 10Page - Microchip Technology MCP1700 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
© 2007 Microchip Technology Inc.
DS21826B-page 7
MCP1700
Note: Unless otherwise indicated: VR = 1.8V, COUT = 1 µF Ceramic (X7R), CIN = 1 µF Ceramic (X7R), IL = 100 µA,
TA = +25°C, VIN =VR +1V.
FIGURE 2-13:
Dropout Voltage vs. Load
Current (VR =5.0V).
FIGURE 2-14:
Power Supply Ripple
Rejection vs. Frequency (VR =1.2V).
FIGURE 2-15:
Power Supply Ripple
Rejection vs. Frequency (VR =2.8V).
FIGURE 2-16:
Noise vs. Frequency.
FIGURE 2-17:
Dynamic Load Step
(VR =1.2V).
FIGURE 2-18:
Dynamic Load Step
(VR =1.8V).
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0
25
50
75
100
125
150
175
200
225
250
Load Current (mA)
TJ = - 40°C
TJ = +25°C
TJ = +125°C
VR = 5.0V
0.01
0.1
1
10
0.01
0.1
1
10
100
1000
Frequency (KHz)
VIN = 2.5V
VR = 1.2V
IOUT = 50ma
VIN = 2.8V
VR = 1.8V
IOUT = 50ma
VIN = 3.8V
VR = 2.8V
IOUT = 50ma



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com