Electronic Components Datasheet Search
  English  ▼

X  

MCP9700 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP9700
Description  Low-Power Linear Active Thermistor ICs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9700 Datasheet(HTML) 4 Page - Microchip Technology

  MCP9700 Datasheet HTML 1Page - Microchip Technology MCP9700 Datasheet HTML 2Page - Microchip Technology MCP9700 Datasheet HTML 3Page - Microchip Technology MCP9700 Datasheet HTML 4Page - Microchip Technology MCP9700 Datasheet HTML 5Page - Microchip Technology MCP9700 Datasheet HTML 6Page - Microchip Technology MCP9700 Datasheet HTML 7Page - Microchip Technology MCP9700 Datasheet HTML 8Page - Microchip Technology MCP9700 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
MCP9700/01
DS21942B-page 4
© 2005 Microchip Technology Inc.
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, MCP9700: VDD = 2.3V to 5.5V; MCP9701: VDD = 3.1V to 5.5V; GND = Ground,
Cbypass = 0.1 µF.
FIGURE 2-1:
Accuracy vs. Ambient
Temperature.
FIGURE 2-2:
Accuracy vs. Ambient
Temperature, with VDD.
FIGURE 2-3:
Supply Current vs.
Temperature.
FIGURE 2-4:
Changes in Accuracy vs.
Ambient Temperature (Due to Load).
FIGURE 2-5:
Load Regulation vs.
Ambient Temperature.
FIGURE 2-6:
Output Impedance vs.
Frequency.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
-4.0
-2.0
0.0
2.0
4.0
6.0
-50
-25
0
255075
100
125
TA (°C)
MCP9700
VDD= 3.3V
MCP9701
VDD= 5.0V
Spec. Limits
-4.0
-2.0
0.0
2.0
4.0
6.0
-50
-25
0
25
50
75
100
125
TA (°C)
MCP9700
VDD = 5.5V
VDD = 2.3V
MCP9701
VDD= 5.5V
VDD= 3.1V
0.0
2.0
4.0
6.0
8.0
10.0
12.0
-50
-25
0
25
50
75
100
125
TA (°C)
MCP9700
MCP9701
-0.2
-0.1
0
0.1
0.2
-50
-25
0
25
50
75
100
125
TA (°C)
MCP9701
VDD = 5.0V
MCP9700
VDD = 3.3V
ILOAD = 100 μA
0.0
1.0
2.0
3.0
4.0
-50
-25
0
25
50
75
100
125
TA (°C)
MCP9700/01
VDD = 3.3V
IOUT = 50 μA
IOUT = 100 μA
IOUT = 200 μA
1
10
100
1000
0.1
1
10
100
1000
10000 100000
Frequency (Hz)
VDD = 5.0V
IOUT = 100 μA
TA = 26°C
1K
10K
100K
100
10
1
0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com