Electronic Components Datasheet Search
  English  ▼

X  

MCP2502X Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP2502X
Description  CAN I/O Expander Family
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2502X Datasheet(HTML) 1 Page - Microchip Technology

  MCP2502X Datasheet HTML 1Page - Microchip Technology MCP2502X Datasheet HTML 2Page - Microchip Technology MCP2502X Datasheet HTML 3Page - Microchip Technology MCP2502X Datasheet HTML 4Page - Microchip Technology MCP2502X Datasheet HTML 5Page - Microchip Technology MCP2502X Datasheet HTML 6Page - Microchip Technology MCP2502X Datasheet HTML 7Page - Microchip Technology MCP2502X Datasheet HTML 8Page - Microchip Technology MCP2502X Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
© 2007 Microchip Technology Inc.
DS21664D-page 1
MCP2502X/5X
Features
• Implements CAN V2.0B
- Programmable bit rate up to 1 Mb/s
- One programmable mask
- Two programmable filters
- Three auto-transmit buffers
- Two message reception buffers
- Does not require synchronization or
configuration messages
• Hardware Features
- Non-volatile memory for user configuration
- User configuration automatically loaded on
power-up
- Eight general-purpose I/O lines individually
selectable as inputs or outputs
- Individually selectable transmit-on-pin-
change for each input
- Four 10-bit, analog input channels with
programmable conversion clock and VREF
sources (MCP2505X devices only)
- Message scheduling capability
- Two 10-bit PWM outputs with independently
programmable frequencies
- Device configuration can be modified via
CAN bus messages
- In-Circuit Serial Programming™ (ICSP™) of
default configuration memory
- Optional 1-wire CAN bus operation
• Low-power CMOS technology
- Operates from 2.7V to 5.5V
- 10 mA active current, typical
- 30 µA standby current (CAN Sleep mode)
• 14-pin PDIP (300 mil) and SOIC (150 mil)
packages
• Available temperature ranges:
- Industrial (I): -40°C to +85°C
- Extended (E): -40°C to +125°C
Description
The MCP2502X/5X devices operate as I/O expanders
for
a
Controller
Area
Network
(CAN)
system,
supporting CAN V2.0B active, with bus rates up to
1 Mb/s. The MCP2502X/5X allows a simple CAN node
to
be
implemented
without
the
need
for
a
microcontroller.
The
devices
are
identical,
with
the
following
exceptions:
The MCP2502X/5X devices feature a number of
peripherals, including digital I/Os, four-channel 10-bit
A/D (MCP2505X) and PWM outputs with automatic
message transmission on change-of-input state. This
includes an analog input exceeding a preset threshold.
One mask and two acceptance filters are provided to
give maximum flexibility during system design with
respect to identifiers that the device will respond to.
The device can also be configured to automatically
transmit a unique message whenever any of several
error conditions occur.
The device is pre-programmed in non-volatile memory
so that the part defaults to a specific configuration at
power-up.
Device
A/D
One Wire
Digital
CANbus
MCP25020
No
No
MCP25025
No
Yes
MCP25050
Yes
No
MCP25055
Yes
Yes
CAN I/O Expander Family


Similar Part No. - MCP2502X

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP2502X MICROCHIP-MCP2502X Datasheet
602Kb / 56P
CAN I/O EXPANDER FAMILY
2001
MCP2502X MICROCHIP-MCP2502X Datasheet
1Mb / 66P
CAN I/O Expander Family
2007
MCP2502X MICROCHIP-MCP2502X Datasheet
668Kb / 66P
CAN I/O Expander Family
12/08/06
MCP2502X MICROCHIP-MCP2502X Datasheet
668Kb / 66P
CAN I/O Expander Family
12/08/06
More results

Similar Description - MCP2502X

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66006P MITSUBISHI-M66006P Datasheet
102Kb / 5P
12-BIT I/O EXPANDER
logo
ELAN Microelectronics C...
EM83010 EMC-EM83010 Datasheet
283Kb / 9P
I/O EXPANDER
logo
Microchip Technology
MCP25050 MICROCHIP-MCP25050 Datasheet
602Kb / 56P
CAN I/O EXPANDER FAMILY
2001
logo
Mitsubishi Electric Sem...
M60006P MITSUBISHI-M60006P Datasheet
75Kb / 5P
12-bit I/O EXPANDER
logo
Microchip Technology
MCP2502X MICROCHIP-MCP2502X Datasheet
1Mb / 66P
CAN I/O Expander Family
2007
logo
Analog Devices
ADP5588 AD-ADP5588 Datasheet
522Kb / 28P
Keypad I/O Expander
REV. A
logo
Microchip Technology
MCP25050-I MICROCHIP-MCP25050-I Datasheet
1Mb / 66P
CAN I/O Expander Family
12/08/06
MCP25050-IP MICROCHIP-MCP25050-IP Datasheet
1Mb / 66P
CAN I/O Expander Family
12/08/06
MCP25020-E MICROCHIP-MCP25020-E Datasheet
668Kb / 66P
CAN I/O Expander Family
12/08/06
MCP25020-I MICROCHIP-MCP25020-I Datasheet
668Kb / 66P
CAN I/O Expander Family
12/08/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com