Electronic Components Datasheet Search
  English  ▼

X  

EPC8 Datasheet(PDF) 1 Page - Altera Corporation

Part # EPC8
Description  Enhanced Configuration (EPC) Devices Datasheet
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPC8 Datasheet(HTML) 1 Page - Altera Corporation

  EPC8 Datasheet HTML 1Page - Altera Corporation EPC8 Datasheet HTML 2Page - Altera Corporation EPC8 Datasheet HTML 3Page - Altera Corporation EPC8 Datasheet HTML 4Page - Altera Corporation EPC8 Datasheet HTML 5Page - Altera Corporation EPC8 Datasheet HTML 6Page - Altera Corporation EPC8 Datasheet HTML 7Page - Altera Corporation EPC8 Datasheet HTML 8Page - Altera Corporation EPC8 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
January 2012
Altera Corporation
CF52002-3.0
Datasheet
© 2012 Altera Corporation. All rights reserved. ALTERA, ARRIA, CYCLONE, HARDCOPY, MAX, MEGACORE, NIOS,
QUARTUS and STRATIX words and logos are trademarks of Altera Corporation and registered in the U.S. Patent and Trademark
Office and in other countries. All other words and logos identified as trademarks or service marks are the property of their
respective holders as described at www.altera.com/common/legal.html. Altera warrants performance of its semiconductor
products to current specifications in accordance with Altera's standard warranty, but reserves the right to make changes to any
products and services at any time without notice. Altera assumes no responsibility or liability arising out of the application or use
of any information, product, or service described herein except as expressly agreed to in writing by Altera. Altera customers are
advised to obtain the latest version of device specifications before relying on any published information and before placing orders
for products or services.
101 Innovation Drive
San Jose, CA 95134
www.altera.com
Subscribe
ISO
9001:2008
Registered
Enhanced Configuration (EPC) Devices
Datasheet
This datasheet describes enhanced configuration (EPC) devices.
Supported Devices
Table 1 lists the supported AlteraEPC devices.
Features
EPC devices offer the following features:
■
Single-chip configuration solution for Altera ACEX1K, APEX20K (including
APEX 20K, APEX 20KC, and APEX 20KE), APEX II, ArriaGX, Cyclone,
Cyclone II, FLEX10K (including FLEX 10KE and FLEX 10KA), Mercury,
StratixII, and Stratix II GX devices
■
Contains 4-, 8-, and 16-Mb flash memories for configuration data storage
■
On-chip decompression feature almost doubles the effective configuration
density
■
Standard flash die and a controller die combined into single stacked chip package
■
External flash interface supports parallel programming of flash and external
processor access to unused portions of memory
■
Flash memory block or sector protection capability using the external flash
interface
■
Supported in EPC4 and EPC16 devices
■
Page mode support for remote and local reconfiguration with up to eight
configurations for the entire system
■
Compatible with Stratix series remote system configuration feature
■
Supports byte-wide configuration mode fast passive parallel (FPP) with an 8-bit
data output per DCLK cycle
■
Supports true n-bit concurrent configuration (n = 1, 2, 4, and 8) of Altera FPGAs
Table 1. Altera EPC Devices
Device
Memory Size
(bits)
On-Chip
Decompression
Support
ISP Support
Cascading
Support
Reprogrammable
Recommended
Operating
Voltage (V)
EPC4
4,194,304
Yes
Yes
No
Yes
3.3
EPC8
8,388,608
Yes
Yes
No
Yes
3.3
EPC16
16,777,216
Yes
Yes
No
Yes
3.3


Similar Part No. - EPC8

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPC8 ALTERA-EPC8 Datasheet
467Kb / 36P
SRAM-Based LUT Devices
EPC8 ALTERA-EPC8 Datasheet
456Kb / 34P
1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EPC8 ALTERA-EPC8 Datasheet
633Kb / 36P
Enhanced Configuration (EPC) Devices Datasheet
logo
Clarke International
EPC800 CLARKE-EPC800 Datasheet
3Mb / 12P
ELECTRONIC PUMP CONTROLLER
GC04/22 - REV 3
logo
Efficient Power Convers...
EPC8002 EPC-CO-EPC8002 Datasheet
1Mb / 6P
EPC8002 ??Enhancement Mode Power Transistor
More results

Similar Description - EPC8

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPC8QC100 ALTERA-EPC8QC100 Datasheet
421Kb / 36P
2. Enhanced Configuration Devices (EPC4, EPC8 & EPC16) Data Sheet
EPCS1 ALTERA-EPCS1 Datasheet
241Kb / 32P
Serial Configuration Devices
EPC4 ALTERA-EPC4 Datasheet
456Kb / 34P
1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EPCS1 ALTERA-EPCS1_1 Datasheet
704Kb / 38P
Serial Configuration Devices
EPC8QC100N ALTERA-EPC8QC100N Datasheet
633Kb / 36P
Enhanced Configuration (EPC) Devices Datasheet
EPCQ256SI16N ALTERA-EPCQ256SI16N Datasheet
1Mb / 42P
Quad-Serial Configuration (EPCQ) Devices Datasheet
EPC16UI88AA ALTERA-EPC16UI88AA Datasheet
633Kb / 36P
Enhanced Configuration (EPC) Devices Datasheet
EPC16QI100N ALTERA-EPC16QI100N Datasheet
621Kb / 36P
This datasheet describes enhanced configuration (EPC) devices
EPC1441TC32N ALTERA-EPC1441TC32N Datasheet
633Kb / 36P
Enhanced Configuration (EPC) Devices Datasheet
logo
Infineon Technologies A...
DDB6U50N16W1R INFINEON-DDB6U50N16W1R Datasheet
420Kb / 13P
Preliminary datasheet EasyBRIDGE module with chopper configuration
0.10 2021-07-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com