Electronic Components Datasheet Search
  English  ▼

X  

MCP2502X Datasheet(PDF) 44 Page - Microchip Technology

Part # MCP2502X
Description  CAN I/O Expander Family
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2502X Datasheet(HTML) 44 Page - Microchip Technology

Back Button MCP2502X Datasheet HTML 40Page - Microchip Technology MCP2502X Datasheet HTML 41Page - Microchip Technology MCP2502X Datasheet HTML 42Page - Microchip Technology MCP2502X Datasheet HTML 43Page - Microchip Technology MCP2502X Datasheet HTML 44Page - Microchip Technology MCP2502X Datasheet HTML 45Page - Microchip Technology MCP2502X Datasheet HTML 46Page - Microchip Technology MCP2502X Datasheet HTML 47Page - Microchip Technology MCP2502X Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 66 page
background image
MCP2502X/5X
DS21664D-page 44
© 2007 Microchip Technology Inc.
REGISTER 7-6:
ADCON1 REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
ADCS1
ADCS0
VCFG1
VCFG0
PCFG3
PCFG2
PCFG1
PCFG0
bit 7
bit 0
bit 7-6
ADCS1:ADCS0: A/D Conversion Select bits
00
= FOSC/2
01
= FOSC/8
10
= FOSC/32
11
= Reserved
bit 5-4
VCFG1:VCFG0: Voltage Reference Configuration bits
bit 3-0
PCFG3:PCFG0: A/D Port Configuration Control bits*
1
= Corresponding GPIO pin configured as Digital I/O
0
= Corresponding GPIO pin configured as A/D Input
* corresponding data direction bit (GPDDR register) must be set for each enabled analog
channel.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
VCFG1:VCFG0
A/D VREF+
A/D VREF-
00
VDD
VSS
01
External VREF+VSS
10
VDD
External VREF-
11
External VREF+
External VREF-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com