Electronic Components Datasheet Search
  English  ▼

X  

EPC16 Datasheet(PDF) 30 Page - Altera Corporation

Part # EPC16
Description  Enhanced Configuration (EPC) Devices Datasheet
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPC16 Datasheet(HTML) 30 Page - Altera Corporation

Back Button EPC16 Datasheet HTML 26Page - Altera Corporation EPC16 Datasheet HTML 27Page - Altera Corporation EPC16 Datasheet HTML 28Page - Altera Corporation EPC16 Datasheet HTML 29Page - Altera Corporation EPC16 Datasheet HTML 30Page - Altera Corporation EPC16 Datasheet HTML 31Page - Altera Corporation EPC16 Datasheet HTML 32Page - Altera Corporation EPC16 Datasheet HTML 33Page - Altera Corporation EPC16 Datasheet HTML 34Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
Page 30
Timing Information
Enhanced Configuration (EPC) Devices Datasheet
January 2012
Altera Corporation
tECLK
EXCLK
input period
—
10
—
—
ns
tECLKH
EXCLK
input duty cycle high time
40% duty cycle
4
—
—
ns
tECLKL
EXCLK
input duty cycle low time
40% duty cycle
4
—
—
ns
tECLKR
EXCLK
input rise time
100 MHz
—
—
3
ns
tECLKF
EXCLK
input fall time
100 MHz
—
—
3
ns
tPOR (4)
POR time
2 ms
1
2
3
ms
100 ms
70
100
120
ms
Notes to Table 14:
(1) To calculate tOH, use the following equation: tOH = 0.5 (DCLK period) - 2.5 ns.
(2) This parameter is used for CRC error detection by the FPGA.
(3) This parameter is used for CONF_DONE error detection by the EPC device.
(4) The FPGA VCCINT ramp time should be less than 1 ms for 2-ms POR and it should be less than 70 ms for 100-ms POR.
Table 14. EPC Device Configuration Parameters (Part 2 of 2)
Symbol
Parameter
Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com