Electronic Components Datasheet Search
  English  ▼

X  

EPC4 Datasheet(PDF) 9 Page - Altera Corporation

Part # EPC4
Description  Enhanced Configuration (EPC) Devices Datasheet
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPC4 Datasheet(HTML) 9 Page - Altera Corporation

Back Button EPC4 Datasheet HTML 5Page - Altera Corporation EPC4 Datasheet HTML 6Page - Altera Corporation EPC4 Datasheet HTML 7Page - Altera Corporation EPC4 Datasheet HTML 8Page - Altera Corporation EPC4 Datasheet HTML 9Page - Altera Corporation EPC4 Datasheet HTML 10Page - Altera Corporation EPC4 Datasheet HTML 11Page - Altera Corporation EPC4 Datasheet HTML 12Page - Altera Corporation EPC4 Datasheet HTML 13Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
Functional Description
Page 9
Enhanced Configuration (EPC) Devices Datasheet
January 2012
Altera Corporation
Finally, the configuration controller also manages errors during configuration. A
CONF
_DONE error occurs when the FPGA does not de-assert its CONF_DONE signal within
64 DCLK cycles after the last bit of configuration data is transmitted. When a CONF_DONE
error is detected, the controller pulses the OE line low, which pulls the nSTATUS signal
low and triggers another configuration cycle.
A cyclic redundancy check (CRC) error occurs when the FPGA detects corruption in
the configuration data. This corruption could be a result of noise coupling on the
board such as poor signal integrity on the configuration signals. When this error is
signaled by the FPGA (by driving the nSTATUS signal low), the controller stops
configuration. If the Auto-Restart Configuration After Error option is enabled in the
FPGA, it releases its nSTATUS signal after a reset time-out period and the controller
attempts to reconfigure the FPGA.
After the FPGA configuration process is complete, the controller drives the DCLK pin
low and the DATA[] pins high. Additionally, the controller tri-states its internal
interface to the flash memory, enables the weak internal pull-ups on the flash address
and control lines, and enables bus-keep circuits on flash data lines.
The following sections describe the different configuration schemes supported by the
EPC device—FPP, PS, and concurrent configuration schemes.
f For more information, refer to the configuration chapter in the appropriate device
handbook.
Configuration Signals
Table 4 lists the configuration signal connections between the EPC device and Altera
FPGAs.
Table 4. Configuration Signals
EPC Device Pin
Altera FPGA Pin
Description
DATA[]
DATA[]
Configuration data transmitted from the EPC device to the
FPGA, which is latched on the rising edge of DCLK.
DCLK
DCLK
EPC device generated clock used by the FPGA to latch
configuration data provided on the DATA[] pins.
nINIT_CONF,
which
nCONFIG
Open-drain output from the EPC device that is used to
start FPGA reconfiguration using the initiate configuration
(INIT_CONF) JTAG instruction. This connection is not
needed if the INIT_CONF JTAG instruction is not needed.
If nINIT_CONF is not connected to nCONFIG, nCONFIG
must be tied to VCC either directly or through a pull-up
resistor.
OE
nSTATUS
Open-drain bidirectional configuration status signal,
which is driven low by either the EPC device or FPGA
during POR and to signal an error during configuration.
Low pulse on OE resets the EPC device controller.
nCS
CONF_DONE
Configuration done output signal driven by the FPGA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com