Electronic Components Datasheet Search
  English  ▼

X  

PD720201 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # PD720201
Description  ASSP (USB3.0 HOST CONTROLLER)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD720201 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button PD720201 Datasheet HTML 11Page - Renesas Technology Corp PD720201 Datasheet HTML 12Page - Renesas Technology Corp PD720201 Datasheet HTML 13Page - Renesas Technology Corp PD720201 Datasheet HTML 14Page - Renesas Technology Corp PD720201 Datasheet HTML 15Page - Renesas Technology Corp PD720201 Datasheet HTML 16Page - Renesas Technology Corp PD720201 Datasheet HTML 17Page - Renesas Technology Corp PD720201 Datasheet HTML 18Page - Renesas Technology Corp PD720201 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 43 page
background image
μPD720201/μPD720202
3. ELECTRICAL SPECIFICATIONS
R19DS0047EJ0500 Rev. 5.00
Page 15 of 40
Jan. 17, 2013
3.5
DC Characteristics
Table 3-6.
DC Characteristics
Parameter
Symbol
Condition
Min.
Max.
Units
Off-state output current
I
OZ
V
I = VDD33 or GND
±10
μA
Input leakage current
I
I
V
I = VDD33 or GND
±10
μA
Low-level output voltage
V
OL
I
OL = 0mA
0.1
V
High-level output voltage
V
OH
I
OH = 0mA
V
DD33-0.1
V
Table 3-7.
USB interface block
Parameter
Symbol
Conditions
Min.
Max.
Unit
Output pin impedance
Z
HSDRV
40.5
49.5
Ω
Input Levels for Low-/Full-Speed:
High-level input voltage (drive)
V
IH
2.0
V
High-level input voltage (floating)
V
IHZ
2.7
3.6
V
Low-level input voltage
V
IL
0.8
V
Differential input sensitivity
V
DI
⏐(D+) − (D−)⏐
0.2
V
Differential common mode range
V
CM
Includes V
DI range
0.8
2.5
V
Output Levels for Low-/Full-Speed:
High-level output voltage
V
OH
RL of 14.25 k
Ω to GND
2.8
3.6
V
Low-level output voltage
V
OL
RL of 1.425 k
Ω to 3.6 V
0.0
0.3
V
SE1
V
OSE1
0.8
V
Output signal crossover point voltage
V
CRS
1.3
2.0
V
Input Levels for Hi-Speed:
Hi-speed squelch detection threshold
(differential signal)
V
HSSQ
100
150
mV
Hi-Speed disconnect detection
threshold (differential signal)
V
HSDSC
525
625
mV
Hi-Speed data signaling common
mode voltage range
V
HSCM
−50
+500
mV
Hi-Speed differential input signaling
level
See Figure 3-13
Output Levels for Hi-Speed:
Hi-Speed idle state
V
HSOI
−10
+10
mV
Hi-Speed data signaling high
V
HSOH
360
440
mV
Hi-Speed data signaling low
V
HSOL
−10
+10
mV
Chirp J level (differential signal)
V
CHIRPJ
700
1100
mV
Chirp K level (differential signal)
V
CHIRPK
−900
−500
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com