Electronic Components Datasheet Search
  English  ▼

X  

PIC17C42 Datasheet(PDF) 48 Page - Microchip Technology

Part # PIC17C42
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C42 Datasheet(HTML) 48 Page - Microchip Technology

Back Button PIC17C42 Datasheet HTML 44Page - Microchip Technology PIC17C42 Datasheet HTML 45Page - Microchip Technology PIC17C42 Datasheet HTML 46Page - Microchip Technology PIC17C42 Datasheet HTML 47Page - Microchip Technology PIC17C42 Datasheet HTML 48Page - Microchip Technology PIC17C42 Datasheet HTML 49Page - Microchip Technology PIC17C42 Datasheet HTML 50Page - Microchip Technology PIC17C42 Datasheet HTML 51Page - Microchip Technology PIC17C42 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 241 page
background image
PIC17C4X
DS30412C-page 48
© 1996 Microchip Technology Inc.
7.3
Table Reads
The table read allows the program memory to be read.
This allows constant data to be stored in the program
memory space, and retrieved into data memory when
needed. Example 7-2 reads the 16-bit value at pro-
gram memory address TBLPTR. After the dummy byte
has been read from the TABLATH, the TABLATH is
loaded with the 16-bit data from program memory
address TBLPTR + 1. The first read loads the data into
the latch, and can be considered a dummy read
(unknown data loaded into 'f'). INDF0 should be con-
figured for either auto-increment or auto-decrement.
EXAMPLE 7-2:
TABLE READ
MOVLW
HIGH (TBL_ADDR) ; Load the Table
MOVWF
TBLPTRH
;
address
MOVLW
LOW (TBL_ADDR)
;
MOVWF
TBLPTRL
;
TABLRD
0,0,DUMMY
; Dummy read,
;
Updates TABLATCH
TLRD
1, INDF0
; Read HI byte
;
of TABLATCH
TABLRD
0,1,INDF0
; Read LO byte
;
of TABLATCH and
;
Update TABLATCH
FIGURE 7-7:
TABLRD TIMING
FIGURE 7-8:
TABLRD TIMING (CONSECUTIVE TABLRD INSTRUCTIONS)
Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4
AD15:AD0
Instruction
fetched
Instruction
executed
ALE
OE
WR
TABLRD
INST (PC+1)
INST (PC+2)
INST (PC-1)
TABLRD cycle1
TABLRD cycle2
INST (PC+1)
Data read cycle
PC
PC+1
TBL
Data in
PC+2
'1'
Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4
AD15:AD0
Instruction
fetched
Instruction
executed
TABLRD1
TABLRD2
INST (PC+2)
INST (PC+3)
INST (PC+2)
ALE
OE
WR
INST (PC-1)
TABLRD1 cycle1 TABLRD1 cycle2 TABLRD2 cycle1 TABLRD2 cycle2
Data read cycle
Data read cycle
'1'
PC
PC+1
PC+2
PC+3
TBL1 Data in 1
TBL2
Data in 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com