Electronic Components Datasheet Search
  English  ▼

X  

USB2412 Datasheet(PDF) 15 Page - SMSC Corporation

Part # USB2412
Description  2-Port USB 2.0 Hi-Speed Hub Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2412 Datasheet(HTML) 15 Page - SMSC Corporation

Back Button USB2412 Datasheet HTML 11Page - SMSC Corporation USB2412 Datasheet HTML 12Page - SMSC Corporation USB2412 Datasheet HTML 13Page - SMSC Corporation USB2412 Datasheet HTML 14Page - SMSC Corporation USB2412 Datasheet HTML 15Page - SMSC Corporation USB2412 Datasheet HTML 16Page - SMSC Corporation USB2412 Datasheet HTML 17Page - SMSC Corporation USB2412 Datasheet HTML 18Page - SMSC Corporation USB2412 Datasheet HTML 19Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
2-Port USB 2.0 Hi-Speed Hub Controller
Datasheet
SMSC USB2412
15
Revision 1.3 (12-27-11)
DATASHEET
3.2.1.1
RESET_N
Figure 3.1 Reset_N Timing
Note: All power supplies must have reached the operating levels mandated in Chapter 4, DC
Parameters, prior to (or coincident with) the assertion of RESET_N.
3.2.2
USB Bus Reset
In response to the upstream port signaling a reset to the hub, the hub does the following:
1. Sets default address to 0.
2. Sets configuration to unconfigured.
3. Negates PRTPWR[2:1] to all downstream ports.
4. Clears all TT buffers.
5. Moves device from suspended to active (if suspended).
6. Complies with Section 11.10 of the USB 2.0 Specification for behavior after completion of the reset
sequence. The host then configures the hub and the hub’s downstream port devices in accordance
with the specification.
Note: The hub does not propagate the upstream USB reset to downstream devices.
Table 3.1 Reset_N Timing
NAME
DESCRIPTION
MIN
TYP
MAX
UNITS
t1
RESET_N asserted
1
μsec
t2
Strap setup time
16.7
nsec
t3
Strap hold time
16.7
1400
nsec
t4
Hub outputs driven to inactive logic states
1.5
2
μsec
t5
USB attach (See Note)
100
msec
t6
Host acknowledges attach and signals USB reset
100
msec
t7
USB idle
undefined
msec
t8
Completion time for requests (with or without data
stage)
5
msec
t1
t4
t5
t6
t7
t8
Valid
Driven by Hub if strap is an output
RESET_N
VSS
NON_REM[1:0]
VSS
Hardware
reset asserted
Read
NON_REM[1:0]
p
Outputs to
inactive levels
USB
Upstream
USB Reset
recovery
Idle
Start completion
request response
t2
t3
Don’t Care
Don’t Care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com