Electronic Components Datasheet Search
  English  ▼

X  

AS1747 Datasheet(PDF) 5 Page - ams AG

Part # AS1747
Description  Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1747 Datasheet(HTML) 5 Page - ams AG

  AS1747_04 Datasheet HTML 1Page - ams AG AS1747_04 Datasheet HTML 2Page - ams AG AS1747_04 Datasheet HTML 3Page - ams AG AS1747_04 Datasheet HTML 4Page - ams AG AS1747_04 Datasheet HTML 5Page - ams AG AS1747_04 Datasheet HTML 6Page - ams AG AS1747_04 Datasheet HTML 7Page - ams AG AS1747_04 Datasheet HTML 8Page - ams AG AS1747_04 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
www.austriamicrosystems.com/Analog-Switches/AS1747-50
Revision 1.02
4 - 16
AS1747, AS1748, AS1749, AS1750
Datasheet - A b s o l u t e M a x i m u m R a t i n g s
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 3 may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in Electrical Character-
istics on page 5 is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Table 3. Absolute Maximum Ratings
Parameter
Min
Max
Units
Comments
VCC, IN_, CMP-
-0.3
+6.0
V
COM_, NO_, NC_
VCC - 6
VCC +
0.3
V
CMPO
0.3
VCC +
0.3
V
Closed-Switch Continuous Current COM_,
NO_, NC_
±150
mA
Open-Switch Continuous Current NO_, NC_
(AS1749/AS1750)
±30
mA
Peak Current COM_, NO_, NC_
(pulsed at 1ms, 10% duty cycle)
±400
mA
Continuous Power Dissipation (TA = +70ºC)
10-pin TDFN 3x3
(derate 24.4mW/ºC above +70ºC)
1951
mW
12-Bump WL-CSP (AS1747/AS1749)
(derate 5.6mW/ºC above +70ºC)
449
mW
12-Bump WL-CSP (AS1748/AS1750)
(derate 6.5mW/ºC above +70ºC)
519
mW
16-pin TQFN 3x3
(derate 16.9mW/ºC above +70ºC)
1349
mW
ESD
2kV
HBM MIL-Std. 883E 3015.7 methods
Latchup Immunity
-200
+200
mA
@25°C, JEDEC 78
Operating Temperature Range
-40
+85
ºC
Junction Temperature
+150
ºC
Storage Temperature Range
-65
+150
ºC
Package Body Temperature
+260
ºC
The reflow peak soldering temperature
(body temperature) specified is in
accordance with IPC/JEDEC J-STD-
020D “Moisture/Reflow Sensitivity
Classification for Non-Hermetic Solid
State Surface Mount Devices”.
The lead finish for Pb-free leaded
packages is matte tin (100% Sn).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com