Electronic Components Datasheet Search
  English  ▼

X  

AS2522B Datasheet(PDF) 15 Page - ams AG

Part # AS2522B
Description  Telephone Line Interface and Speakerphone Circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2522B Datasheet(HTML) 15 Page - ams AG

Back Button AS2522B Datasheet HTML 11Page - ams AG AS2522B Datasheet HTML 12Page - ams AG AS2522B Datasheet HTML 13Page - ams AG AS2522B Datasheet HTML 14Page - ams AG AS2522B Datasheet HTML 15Page - ams AG AS2522B Datasheet HTML 16Page - ams AG AS2522B Datasheet HTML 17Page - ams AG AS2522B Datasheet HTML 18Page - ams AG AS2522B Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Data Sheet AS2522B
austriamicrosystems
Revision 3.4
Page 14 of 19
DTMF characteristics
ILine=15mA w/o operation of any additional external circuitry, unless other specified, default settings
Symbol
Parameter
Conditions
Min
Type
Max
Units
Test
VMFlow
Tone level low group
at LS
Default
-7
-6
-5
dBm
Y
MFrange DTMF level range
low group at LS
13 steps
Prg. in Service mode
-18/-6
dBm
N
∆VL-H
Preemphasis L-H
Preemphasis=1
2.7
3.2
3.7
dB
Y
UFC
Unwanted frequency
components
300 Hz - 4.3kHz
4.3kHz - 7kHz
7kHz - 10kHz
10kHz - 14kHz
14kHz - 28.5kHz
28.5kHz - 40kHz
-40
-46
-52
-58
-70
-80
dBm
dBm
dBm
dBm
dBm
dBm
Y
Y
Y
Y
Y
Y
∆f
Frequency deviation
1.2
%
Y
VCT-H
Comfort tone handset
Rel to LS
programmable in
service mode
-36
-30
-24
-18
dBr
dBr
dBr
dBr
N
N
N
N
VCT-L
Comfort tone
Loudspeaker
Rel to LS
programmable in
service mode
-15
-9
-3
+3
dBr
dBr
dBr
dBr
N
N
N
N
Ringer
Symbol
Parameter
Conditions
Min
Type
Max
Units
Test
F0
F1
F2
F3
F4
F5
F6
F7
F8
F9
F10
F11
F12
F13
F14
F15
Frequency 0
Frequency 1
Frequency 2
Frequency 3
Frequency 4
Frequency 5
Frequency 6
Frequency 7
Frequency 8
Frequency 9
Frequency 10
Frequency 11
Frequency 12
Frequency 13
Frequency 14
Frequency 15
770
1025
1280
0
800
1067
1333
1300
2100
1200
2200
980
1180
1070
1270
1650
1850
2025
2225
830
1110
1385
Hz
Hz
Hz
Hz
Hz
Hz
Hz
Hz
Hz
Hz
Hz
Hz
Hz
Hz
Hz
Hz
N
Y
Y
Y
N
N
N
N
N
N
N
N
N
N
N
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com