Electronic Components Datasheet Search
  English  ▼

X  

MAX307EUI Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX307EUI
Description  Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX307EUI Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX307EUI Datasheet HTML 1Page - Maxim Integrated Products MAX307EUI Datasheet HTML 2Page - Maxim Integrated Products MAX307EUI Datasheet HTML 3Page - Maxim Integrated Products MAX307EUI Datasheet HTML 4Page - Maxim Integrated Products MAX307EUI Datasheet HTML 5Page - Maxim Integrated Products MAX307EUI Datasheet HTML 6Page - Maxim Integrated Products MAX307EUI Datasheet HTML 7Page - Maxim Integrated Products MAX307EUI Datasheet HTML 8Page - Maxim Integrated Products MAX307EUI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
General Description
The MAX306/MAX307 precision, monolithic, CMOS
analog multiplexers (muxes) offer low on-resistance
(less than 100
Ω), which is matched to within 5Ω
between channels and remains flat over the specified
analog signal range (7
Ω, max). They also offer low leak-
age over temperature (INO(OFF) less than 2.5nA at
+85°C) and fast switching speeds (tTRANS less than
250ns). The MAX306 is a single-ended 1-of-16 device,
and the MAX307 is a differential 2-of-8 device.
The MAX306/MAX307 are fabricated with Maxim’s
improved 44V silicon-gate process. Design improve-
ments yield extremely low charge injection (less than
10pC) and guarantee electrostatic discharge (ESD)
protection greater than 2000V.
These muxes operate with a single +5V to +30V supply,
or bipolar ±4.5V to ±20V supplies, while retaining
TTL/CMOS-logic input compatibility and fast switching.
CMOS inputs provide reduced input loading. These
improved parts are plug-in upgrades for the industry-
standard DG406, DG407, DG506A, and DG507A.
________________________Applications
____________________________Features
♦♦ Guaranteed On-Resistance Match Between
Channels, <5
Ω Max
♦♦ Low On-Resistance, <100Ω Max
♦♦ Guaranteed Flat On-Resistance over Specified
Signal Range, 7
Ω Max
♦♦ Guaranteed Charge Injection, <10pC
♦♦ INO(OFF) Leakage <2.5nA at +85°C
♦♦ ICOM(OFF) Leakage <20nA at +85°C
♦♦ ESD Protection >2000V
♦♦ Plug-In Upgrade for Industry-Standard
DG406/DG407/DG506A/DG507A
♦♦ Single-Supply Operation (+5V to +30V)
Bipolar-Supply Operation (±4.5V to ±20V)
♦♦ Low Power Consumption, <1.25mW
♦♦ Rail-to-Rail Signal Handling
♦♦ TTL/CMOS-Logic Compatible
Precision, 16-Channel/Dual 8-Channel,
High-Performance, CMOS Analog Multiplexers
________________________________________________________________
Maxim Integrated Products
1
_____________________Pin Configurations/Functional Diagrams/Truth Tables
19-0270; Rev 3; 3/10
PART
MAX306CPI
MAX306CWI
0°C to +70°C
0°C to +70°C
TEMP RANGE
PIN-PACKAGE
28 Plastic DIP
28 Wide SO
Ordering Information continued at end of data sheet.
*
Contact factory for dice specifications.
MAX306C/D
0°C to +70°C
Dice*
MAX306EPI
-40°C to +85°C
28 Plastic DIP
MAX306EWI
-40°C to +85°C
28 Wide SO
MAX306EQI
-40°C to +85°C
28 PLCC
MAX306MJI
-55°C to +125°C
28 CERDIP
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
MAX306EUI
-40°C to +85°C
28 TSSOP
28
27
26
25
24
23
22
21
1
2
3
4
5
6
7
8
COM
V-
NO8
NO7
NO16
N.C.
N.C.
V+
TOP VIEW
NO6
NO5
NO4
NO3
NO12
NO13
NO14
NO15
20
19
18
17
9
10
11
12
NO2
NO1
EN
A0
GND
NO9
NO10
NO11
DIP/SO/TSSOP
MAX306
16
15
13
14
A1
A2
A3
N.C.
A2
A1
A0
EN
X
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
X
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
X
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
None
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
MAX306
LOGIC “0” VAL
≤ 0.8V, LOGIC “1” = VAH ≥ 2.4V
A3
X
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
Ordering Information
Sample-and-Hold
Circuits
Test Equipment
Heads-Up Displays
Guidance and Control
Systems
Military Radios
Communications Systems
Battery-Operated Systems
PBX, PABX
Audio Signal Routing
Pin Configurations/Functional Diagrams/Truth Tables
continued at end of data sheet.


Similar Part No. - MAX307EUI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX307EPI MAXIM-MAX307EPI Datasheet
148Kb / 12P
Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 0; 8/94
MAX307EQI MAXIM-MAX307EQI Datasheet
148Kb / 12P
Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 0; 8/94
MAX307EWI MAXIM-MAX307EWI Datasheet
148Kb / 12P
Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 0; 8/94
More results

Similar Description - MAX307EUI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX306 MAXIM-MAX306 Datasheet
148Kb / 12P
Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 0; 8/94
MAX308 MAXIM-MAX308 Datasheet
123Kb / 12P
Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
19-0271; Rev 0; 7/94
MAX306 MAXIM-MAX306_10 Datasheet
317Kb / 13P
Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 3; 3/10
logo
Vishay Siliconix
DG506B VISHAY-DG506B Datasheet
332Kb / 17P
Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
22-Mar-10
logo
Maxim Integrated Produc...
MAX308CUE MAXIM-MAX308CUE Datasheet
467Kb / 12P
Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
Rev 2; 8/02
MAX306CPI MAXIM-MAX306CPI Datasheet
317Kb / 13P
Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 3; 3/10
MAX309EUE MAXIM-MAX309EUE Datasheet
467Kb / 12P
Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
Rev 2; 8/02
MAX306 MAXIM-MAX306_V01 Datasheet
1Mb / 12P
Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
19-0270; Rev 5; 3/16
MAX308 MAXIM-MAX308_V01 Datasheet
467Kb / 12P
Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
19-0271; Rev 2; 8/02
logo
Vishay Siliconix
DG506B VISHAY-DG506B_V01 Datasheet
298Kb / 17P
Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
16-Dec-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com