Electronic Components Datasheet Search
  English  ▼

X  

AS3658D-BCTP Datasheet(PDF) 140 Page - ams AG

Part # AS3658D-BCTP
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658D-BCTP Datasheet(HTML) 140 Page - ams AG

Back Button AS3658D-BCTP Datasheet HTML 136Page - ams AG AS3658D-BCTP Datasheet HTML 137Page - ams AG AS3658D-BCTP Datasheet HTML 138Page - ams AG AS3658D-BCTP Datasheet HTML 139Page - ams AG AS3658D-BCTP Datasheet HTML 140Page - ams AG AS3658D-BCTP Datasheet HTML 141Page - ams AG AS3658D-BCTP Datasheet HTML 142Page - ams AG AS3658D-BCTP Datasheet HTML 143Page - ams AG AS3658D-BCTP Datasheet HTML 144Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
139 - 157
AS3658
Data Sheet Confidential - Deta il ed Descri ption - System Functi ons
10.8
Internal References (V, I, fclk)
The internal reference circuits needs the following external components:
Table 165. Reference External Components
Symbol
Parameter
Min
Typ
Max
Unit
Note
Table 166. References Parameters
Symbol
Parameter
Min
Typ
Max
Unit
Note
To reduce the current consumption of the chip, the circuit can be set into a special low power mode with the serial
interface bit ‘low_power_on’. All specification parameters except the noise parameters are still valid for this mode.
Table 167. Internal references Bit definitions
Addr:59
Internal references Bit definitions
These bits control the internal reference mode and internal clk
frequency
Bit
Bit Name
Default
Access
Description
10.8.1 Low Power Mode
Use bit low_power_on (reg. References Control (see Table 167)) to activate the Low Power Mode. In this mode the
on-chip voltage reference and the temperature supervision comparators are operating in pulsed mode. This reduces
the quiescent current of the AS3658 by 45uA (typ.). Because of the pulsed function some specifications are not fulfilled
in this mode (e.g. increased noise), but still the full functionality is available.
Note: Low power mode can be controlled by the serial interface.
CEXT
External filter capacitor
-10%
100
+10%
nF
Ceramic low-ESR capacitor
between CREF and VSS
RBIAS
External bias current
set resistor
-1%
220
+1%
k
Ω
Bias Current set resistor between
RBIAS and VSS
VCEXT
Reference Voltage
-1%
1.8
+1%
V
Low noise trimmed voltage
reference – connected to Pad
CREF; do not load
fCLK
Accuracy of Internal
reference clock
-10
fCLK
+10
%
Adjustable by serial interface
register clk_int
0
low_power_on
0b
R/W
0
Standard mode
1
Low power mode – all specification except
noise parameters are still valid
3:1
clk_int
110b
R/W
Sets the internal CLK frequency fCLK used for fuel
gauge, DCDCs, PWM, charge pump.
All frequencies, timings and delays in this datasheet
are based on 2.2MHz clk_int
000b
1.6 MHz
001b
1.7 MHz
010b
1.8 MHz
011b
1.9 MHz
100b
2.0 MHz
101b
2.1 MHz
110b
2.2 MHz (default)
111b
2.3 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com