Electronic Components Datasheet Search
  English  ▼

X  

AS3658D-BCTP Datasheet(PDF) 144 Page - ams AG

Part # AS3658D-BCTP
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658D-BCTP Datasheet(HTML) 144 Page - ams AG

Back Button AS3658D-BCTP Datasheet HTML 140Page - ams AG AS3658D-BCTP Datasheet HTML 141Page - ams AG AS3658D-BCTP Datasheet HTML 142Page - ams AG AS3658D-BCTP Datasheet HTML 143Page - ams AG AS3658D-BCTP Datasheet HTML 144Page - ams AG AS3658D-BCTP Datasheet HTML 145Page - ams AG AS3658D-BCTP Datasheet HTML 146Page - ams AG AS3658D-BCTP Datasheet HTML 147Page - ams AG AS3658D-BCTP Datasheet HTML 148Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
143 - 157
AS3658
Data Sheet Confidential - Deta il ed Descri ption - System Functi ons
10.10 Touchpen Interface
The touchpen interface controls a resistive touchpen. It has the following features:
Low Power Pen Detect
Measure pen X,Y position
Measure pen pressure (Z-position)
Interrupt, if X,Y,Z data is available; one dedicated output – CURR4_GPIO4 can be configured to be used as
touchpen interrupt output and/or standard interrupt output XINT
The conversion interval can be adjusted
Up to 16 ADC conversion can be averaged internally
The sample time of the ADC can be adjusted
The pin CURR3_GPIO3 can be configured to enable/disable the ADC conversion (useful if the processor updates
the LCD to avoid parallel reading of the touchpen position)
The touchpen interface shares the pins with the SPDIF output and the I2S Output 3. If the touchpen interface is used,
the SPDIF and the I2S Output 3 cannot be used (and has to be disabled).
Note: The touchpen interface and the ‘General Purpose 10 Bit ADC’ can be used at the same time.
Figure 59. Touchpen Block diagram





 !"#$!
!
!
!
%%%!!
&' (


#
)* % ) +, #-
+
$ ! # # +!) *
# %+, %#
)* %) +, #-
+
$ ! # #+!) *
.
/! %
!0+ / !1$ 2
####  + #(
####(
&3
 " " "
!)$ *
&&4& !
(,%
)5
),5
&'&6& 7#!)$ *!
/) 0
5+! %
&
5+!%
/) 0
5+! %
&
5+!%
&
5+!%
2$! 89:;
2*!8 :;
<$! 89:;
<*!8 :;
=$! 89:;
=*!8 :;
8 :;
2$!
% )
#! )%
+$
>
?
>
5+
0)+
#>
@
A
) #>
A
) +, #/+5/#%+ 5
0%+ +5# # +!*)<
.
/! %
%-)
+5+ )*
% *


>' ?'
>
5+
+)
#/! %
+
%-)#+%%
%%
5+
 B.
%
!! %#+%%
#>
'@
A
#
C5C##%#
) #>
'
A
-% $#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com