Electronic Components Datasheet Search
  English  ▼

X  

AS3658F-BCTP Datasheet(PDF) 105 Page - ams AG

Part # AS3658F-BCTP
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658F-BCTP Datasheet(HTML) 105 Page - ams AG

Back Button AS3658F-BCTP Datasheet HTML 101Page - ams AG AS3658F-BCTP Datasheet HTML 102Page - ams AG AS3658F-BCTP Datasheet HTML 103Page - ams AG AS3658F-BCTP Datasheet HTML 104Page - ams AG AS3658F-BCTP Datasheet HTML 105Page - ams AG AS3658F-BCTP Datasheet HTML 106Page - ams AG AS3658F-BCTP Datasheet HTML 107Page - ams AG AS3658F-BCTP Datasheet HTML 108Page - ams AG AS3658F-BCTP Datasheet HTML 109Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 158 page
background image
Table 109. EQ_preamp Register
Addr:95
EQ_preamp
These bits control the preamplifier of the EQ in dB
Bit
Bit Name
Default
Access
Description
www.austriamicrosystems.com
Revision 1v13
104 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption- Audio Functi ons
4:0
eq_pre_gain
00000b
R/W
EQ_vol gain (-12dB ... +12dB with 1.5dB steps)
0h
0dB
01h
-1.5dB
02h
-3.0dB
03h
-4.5dB
04h
-6.0dB
05h
-7.5dB
06h
-9.0dB
07h
-10.5dB
08h
-12dB
09h
1.5dB
bh
3.0dB
ch
6.0dB
dh
7.5dB
eh
9.0dB
fh
10.5dB
10h
12dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com