Electronic Components Datasheet Search
  English  ▼

X  

AS3658F-BCTP Datasheet(PDF) 107 Page - ams AG

Part # AS3658F-BCTP
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658F-BCTP Datasheet(HTML) 107 Page - ams AG

Back Button AS3658F-BCTP Datasheet HTML 103Page - ams AG AS3658F-BCTP Datasheet HTML 104Page - ams AG AS3658F-BCTP Datasheet HTML 105Page - ams AG AS3658F-BCTP Datasheet HTML 106Page - ams AG AS3658F-BCTP Datasheet HTML 107Page - ams AG AS3658F-BCTP Datasheet HTML 108Page - ams AG AS3658F-BCTP Datasheet HTML 109Page - ams AG AS3658F-BCTP Datasheet HTML 110Page - ams AG AS3658F-BCTP Datasheet HTML 111Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
106 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption- Audio Functi ons
Microphone Input Parameter
Table 110. Microphone Inputs Parameter, TA= 25oC unless otherwise mentioned
Symbol
Parameter
Min
Typ
Max
Unit
Note
VMICIN0
Input Signal Level
40
mVPEAK
AMICPRE = 28dB; AMIC = 0dB
VMICIN1
20
mVPEAK
AMICPRE = 34dB; AMIC = 0dB
VMICIN2
10
mVPEAK
AMICPRE = 40dB; AMIC = 0dB
RMICIN
Input Impedance
15
k
Ω
MICP, MICN to AGND
MICIN
Input Impedance
Tolerance
±15
%
CMICIN
Input Capacitance
5
pF
AMICPRE
Microphone
Preamplifier Gain
28
dB
Preamplifier has 3 selectable (fixed)
gain settings
34
40
AMIC
Programmable Gain
-40.5
+6
dB
Gain Steps
1.5
dB
discrete logarithmic gain steps
Gain Step Precision
±0.25
dB
VMICLIMIT
Limiter Activation Level
1
VPEAK
AMICLIMIT
Limiter Gain Overdrive
15*2
dB
tATTACK
Limiter Attack Time
50
µs/6dB
tDECAY
Limiter Decay Time
120
ms/6dB
AMICMUTE
Mute Attenuation
100
dB
VMICSUP
Microphone Supply
Voltage
2.9
V
IMICMAX
Max. Microphone
Supply Current
10
mA
microphones nominally need a bias
current of 0.5mA-1mA
VNOISE
Microphone Supply
Voltage Noise
5µV
IMICDET
Microphone Detection
Current
50
µA
IREMDET
Max. Remote
Detection Current
500
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com