Electronic Components Datasheet Search
  English  ▼

X  

AS3658F-BCTP Datasheet(PDF) 112 Page - ams AG

Part # AS3658F-BCTP
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658F-BCTP Datasheet(HTML) 112 Page - ams AG

Back Button AS3658F-BCTP Datasheet HTML 108Page - ams AG AS3658F-BCTP Datasheet HTML 109Page - ams AG AS3658F-BCTP Datasheet HTML 110Page - ams AG AS3658F-BCTP Datasheet HTML 111Page - ams AG AS3658F-BCTP Datasheet HTML 112Page - ams AG AS3658F-BCTP Datasheet HTML 113Page - ams AG AS3658F-BCTP Datasheet HTML 114Page - ams AG AS3658F-BCTP Datasheet HTML 115Page - ams AG AS3658F-BCTP Datasheet HTML 116Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
111 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption- Audio Functi ons
9.10.6 Register Description
To get an interrupt on an over-current event, the corresponding bit in the Interrupt enable register has to be set. All
other Line/headphone driver settings are controlled by the following two registers.
Right Line Register
Table 116. LINE_OUT_R Register
Addr:83
LINE_OUT_R
These bits control the Line in volume and mode
Bit
Bit Name
Default
Access
Description
GND cancellation GND - AUDIO_GND to
LOUT_R, LOUT_L no load
100Hz
50
dB
1kHz
50
10kHz
40
4:0
liner_vol
00000b
R/W
volume settings for right Line output, adjustable in 32
steps @ 1.5dB
00000
-40.5 dB gain
00001
-39 dB gain
......
11110
4.5 dB gain
11111
6 dB gain
5
dac2line_on
0
R/W
0
Line_out amplifier input connected to mixer
output
1
Line_out amplifier input connected to Audio
DAC output gain stage (Mixer is bypassed in
this mode)
7:6
ibr_line<1:0>
00b
R/W
Bias current reduction settings for line output:
00
0%
01
17%
10
34%
11
50%
Table 115. Line out Block Characteristics
Parameter
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com