Electronic Components Datasheet Search
  English  ▼

X  

AS3658F-BCTP Datasheet(PDF) 114 Page - ams AG

Part # AS3658F-BCTP
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658F-BCTP Datasheet(HTML) 114 Page - ams AG

Back Button AS3658F-BCTP Datasheet HTML 110Page - ams AG AS3658F-BCTP Datasheet HTML 111Page - ams AG AS3658F-BCTP Datasheet HTML 112Page - ams AG AS3658F-BCTP Datasheet HTML 113Page - ams AG AS3658F-BCTP Datasheet HTML 114Page - ams AG AS3658F-BCTP Datasheet HTML 115Page - ams AG AS3658F-BCTP Datasheet HTML 116Page - ams AG AS3658F-BCTP Datasheet HTML 117Page - ams AG AS3658F-BCTP Datasheet HTML 118Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
113 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption- Audio Functi ons
9.11.4 Power Save Options
To save power, especially when driving 32
Ω loads, a reduction of the bias current can be selected.
Bias current reduction settings for headphone output:
00: 0%
01: 17%
10: 34%
11: 50%
9.11.5 Parameters
Table 118. Power Amplifier Parameter
Parameter
Min
Typ
Max
Unit
9.11.6 Register Description
To get an interrupt on an over-current event, the corresponding bit in the Interrupt enable register has to be set.
Changing the bias current or the output driver strength is done via AudioSet2 register. All other headphone driver
settings are controlled by the following two registers.
Analog Performance
R_Load at AOUTR and AOUTL single ended
16
Ω
Vout
1.13
Vp
Gain Step Precision (RLmin-max,20Hz-20kHz)
±0.5
dB
SINAD no load, LineIn-> HPH, A-weighted
-97
dB
THD @ 1kHz, no load
-88
dB
THD @ 1kHz, 32
Ω, 10mW
-80
dB
THD @ 1kHz, 32
Ω, 20mW
-74
-66
dB
THD @ 1kHz, 16
Ω, 40mW
-68
-60
dB
Channel Separation (32
Ω, dc-coupled)
60
dB
PSRR (200Hz-20kHz)
60
90
dB
Shorted Protection Level
260
mA
Shorted Protection Level of common mode buffer
370
mA
IOUT_powerdown
-20
20
µA
Tpower_up (HP_CM=0.1µF)
150
ms
GND cancellation GND - AUDIO_GND to
HP_R, HP_L no load
100Hz
50
dB
1kHz
50
10kHz
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com