Electronic Components Datasheet Search
  English  ▼

X  

AS3658F-BCTP Datasheet(PDF) 148 Page - ams AG

Part # AS3658F-BCTP
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658F-BCTP Datasheet(HTML) 148 Page - ams AG

Back Button AS3658F-BCTP Datasheet HTML 144Page - ams AG AS3658F-BCTP Datasheet HTML 145Page - ams AG AS3658F-BCTP Datasheet HTML 146Page - ams AG AS3658F-BCTP Datasheet HTML 147Page - ams AG AS3658F-BCTP Datasheet HTML 148Page - ams AG AS3658F-BCTP Datasheet HTML 149Page - ams AG AS3658F-BCTP Datasheet HTML 150Page - ams AG AS3658F-BCTP Datasheet HTML 151Page - ams AG AS3658F-BCTP Datasheet HTML 152Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 158 page
background image
Table 184. Touchpannel Control Register Bits
Addr:113
Touchpad – control 2
This register controls the different modes of the Touchpad
Bit
Bit Name
Default
Access
Description
Table 185. Touchpannel Control Register Bits
Addr:114
Touchpad – control 3
This register controls the different modes of the Touchpad
Bit
Bit Name
Default
Access
Description
www.austriamicrosystems.com
Revision 1v13
147 - 157
AS3658
Data Sheet Confidential - Deta il ed Descri ption - System Functi ons
4:0
tpen_pu
00000
R/W
Internal Resistor used for Pen detection
00000
Do not use this Setting
00001
4k
Ω
00010
8k
Ω
...
00100
16k
Ω
...
01000
32k
Ω
...
10000
64k
Ω (most sensitive)
...
11111
~ 2k
Ω
5
tpen_currpress
0
R/W
Current used for pressure measurement
0
200µA
1
400µA
6
tpen_wait
0
R/W
0
Do not wait until tpen_xmsb is readout
1
Start next ADC – conversion after data is
read from Register tpen_xmsb
7
tpen_soc_pd
0
R/W
0
Start conversion only if tpen_st_pen is 1
and tpen_soc=1 and tpen_on=1
1
Measure regardless of pen Status (only if
tpen_soc=1 and tpen_on=1)
0:1
tpen_sample
00
R/W
Sample Time of ADC
0
3µs
110µs
250µs
3
200µs
2
tpen_debounce
0
R/W
0
Pen-down Debounce Time 100µs
1
Pen-down Debounce Time = 3ms
3
tpen_timeout _en
0
R/W
Enables Timeout Signal (ADC conversion is
stopped during tiemeout = 1)
0off
1
GPIO3_CURR3 can be configured as input
for the timeout signal – see block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com