Electronic Components Datasheet Search
  English  ▼

X  

AS3658F-BCTP Datasheet(PDF) 147 Page - ams AG

Part # AS3658F-BCTP
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658F-BCTP Datasheet(HTML) 147 Page - ams AG

Back Button AS3658F-BCTP Datasheet HTML 143Page - ams AG AS3658F-BCTP Datasheet HTML 144Page - ams AG AS3658F-BCTP Datasheet HTML 145Page - ams AG AS3658F-BCTP Datasheet HTML 146Page - ams AG AS3658F-BCTP Datasheet HTML 147Page - ams AG AS3658F-BCTP Datasheet HTML 148Page - ams AG AS3658F-BCTP Datasheet HTML 149Page - ams AG AS3658F-BCTP Datasheet HTML 150Page - ams AG AS3658F-BCTP Datasheet HTML 151Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 158 page
background image
Table 183. Touchpannel Control Register Bits
Addr:112
Touchpad – control 1
This register controls the different modes of the Touchpad
Bit
Bit Name
Default
Access
Description
www.austriamicrosystems.com
Revision 1v13
146 - 157
AS3658
Data Sheet Confidential - Deta il ed Descri ption - System Functi ons
0
tpen_on
0
R/W
Enables Touch Pen Function
0
OFF (No wakeup on pen down)
1
Pen Detect enabled
wakes up Pen
Digitizer
Check Pen_Status -> if pen-
detect or tpen_soc_pd=1 and tpen_soc=1
then perform X,Y,Z measurements
2:1
tpen_convint
00
R/W
Conversion Interval Timer
00
No delay between conversions
01
every 512 clock periods (0,5 ms) ADC –
Averaging limited to max. 4
10
every 1024 clock periods (1ms) ADC –
Averaging limited to max. 8
11
every 10240 clock periods (10ms)
3
tpen_soc
0
R/W
Start Conversion (x,y, and z conversion)
0
No Conversion if pen down detected
1
Start Conversion if pen down detected or
tpen_soc_pd=1 and tpen_on=1 (X, Y and
Z-Pressure Measurement)
5:4
tpen_avg
0
R/W
Averaging of x and y measurement
00
no averaging
01
4 measurements (per channel)
10
8 measurements (per channel)
11
16 measurements (per channel)
6
tpen_eoc
0
R/W
ADC - End of Conversion bit
0
TP in Power down or Conversion ongoing
1
Valid TP data available (x,y, and pressure)
generates an interrupt on GPIO4_CURR4
and/or XINT; the interrupt is released when
the readout from the tpen_xmsb is started
7
tpen_st_pen
0
R
Pen status
0
penup
1
pendown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com