Electronic Components Datasheet Search
  English  ▼

X  

AS3658F-BCTP Datasheet(PDF) 143 Page - ams AG

Part # AS3658F-BCTP
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658F-BCTP Datasheet(HTML) 143 Page - ams AG

Back Button AS3658F-BCTP Datasheet HTML 139Page - ams AG AS3658F-BCTP Datasheet HTML 140Page - ams AG AS3658F-BCTP Datasheet HTML 141Page - ams AG AS3658F-BCTP Datasheet HTML 142Page - ams AG AS3658F-BCTP Datasheet HTML 143Page - ams AG AS3658F-BCTP Datasheet HTML 144Page - ams AG AS3658F-BCTP Datasheet HTML 145Page - ams AG AS3658F-BCTP Datasheet HTML 146Page - ams AG AS3658F-BCTP Datasheet HTML 147Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 158 page
background image
Table 176. RTCT Register
Addr:72
RTCT
These bits set the RTC correction and RTC interrupt mode
register is reset at power-on-reset only
Bit
Bit Name
Default
Access
Description
Table 177. Reset Timer Register
Addr:22
Reset Timer
These bits set RTC modes
Bit
Bit Name
Default
Access
Description
www.austriamicrosystems.com
Revision 1v13
142 - 157
AS3658
Data Sheet Confidential - Deta il ed Descri ption - System Functi ons
6:0
RTC_TBC<6:0>
0000000
R/W
These bits are used to correct the inaccuracy of the
used 32kHz crystal. Correction is done all 8 seconds
by removing or adding two clock cycles.
Trimming register for RTC, 128 steps @ 7.6ppm
100000
- 480.4ppm
100001
-472.8ppm
111111
-7.6ppm
000000
0ppm(default)
000001
7.6ppm
011110
472.8ppm
011111
480.4ppm
7
rtc_irq_mode
0
R/W
0
generate an interrupt every second
1
generate an interrupt every minute
The interrupt has to be enabled by
rtc_rep_int_m=0
4
rtc_alarm_wakeup_en
ROM
R/W
0
Disables RTC alarm wakeup in power off
mode
1
Enable RTC alarm wakeup in power off mode
5
rtc_rep_wakeup_en
ROM
R/W
0
Disables RTC repeated wakeup in power off
mode
1
Enable RTC repeated wakeup in power off
mode
7:6
rtc_mode
ROM
R/W
00
32kHz oscillator off
01
32kHz oscillator enabled
10
32kHz oscillator enabled, Pin Q32k enabled
11
reserved (do not use)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com