Electronic Components Datasheet Search
  English  ▼

X  

AS3658F-BCTP Datasheet(PDF) 141 Page - ams AG

Part # AS3658F-BCTP
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658F-BCTP Datasheet(HTML) 141 Page - ams AG

Back Button AS3658F-BCTP Datasheet HTML 137Page - ams AG AS3658F-BCTP Datasheet HTML 138Page - ams AG AS3658F-BCTP Datasheet HTML 139Page - ams AG AS3658F-BCTP Datasheet HTML 140Page - ams AG AS3658F-BCTP Datasheet HTML 141Page - ams AG AS3658F-BCTP Datasheet HTML 142Page - ams AG AS3658F-BCTP Datasheet HTML 143Page - ams AG AS3658F-BCTP Datasheet HTML 144Page - ams AG AS3658F-BCTP Datasheet HTML 145Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
140 - 157
AS3658
Data Sheet Confidential - Deta il ed Descri ption - System Functi ons
10.9
Real-Time Clock (RTC) Module
The RTC module provides time information to the system. It is implemented as a 6-bit counter that is incremented
every second - with the 32kHz oscillator delivering the necessary accurate time base – and is reset to 0 each time the
counter value is 60. An additional 24-bit minute counter is incriminated each time the 6-bit counter is reset to 0. Both
counters are set to 0 at a power-on-reset. The host controller can set the counter to any value by setting the RTC 1…4
registers.
To prevent ambiguous time information because of the 30-bit value being incremented before all of the 4 registers
have been read or written, a 30-bit parallel shadow register is implemented. Every time a write/read access via the
serial interface occurs the parallel shadow register is updated with the current value of the 30-bit counter. Any write
access to the RTC 1 register will disable the update of the parallel register and set the value of the appropriate byte of
the parallel register. Any subsequent write access to the RTC 4 register will transfer the current value of the 30-bit
parallel register to the RTC 1…4 registers and the update of the parallel register is enabled again. Similarly, any read
access to the RTC 1 register will freeze the current value of the parallel register and submit the appropriate byte to the
host controller via the serial interface. Any subsequent read access to the RTC 4 register will enable the update of the
parallel register again. This mechanism makes sure that the maximum error of the value that is written to or read from
the registers is 1 second.
The startup state after power on reset:RTCSecond=3F, RTCMinute1=FF, RTCMinute2=FF, RTCMinute3=FF
To start the RTC, rtc_mode bits have to be set to a non zero value, and the RTC registers have to be set.
The RTC stops automatically at its highest value (3F,FF,FF,FF) to prevent overrun.
Table 168. RTC Second Register
Addr:64
RTCSecond
These bits represents the actual RTC second register
register is reset at power-on-reset only
Bit
Bit Name
Default
Access
Description
Table 169. RTC Minute1 Register
Addr:65
RTCMinute1
These bits represents the actual RTC Minute1 register
register is reset at power-on-reset only
Bit
Bit Name
Default
Access
Description
Table 170. RTC Minute2 Register
Addr:66
RTCMinute2
These bits represents the actual RTC Minute2 register
register is reset at power-on-reset only
Bit
Bit Name
Default
Access
Description
Table 171. RTC Minute3 Register
Addr:67
RTCMinute3
These bits represents the actual RTC Minute3 register
register is reset at power-on-reset only
Bit
Bit Name
Default
Access
Description
5:0
RTCSecond
00h
R/W
Bits 5:0 of the 6-bit RTC second counter
7:6
-
-
reserved
7:0
RTCMinute1
00h
R/W
Bits 7…0 of the 24-bit RTC minute counter
7:0
RTCMinute2
00h
R/W
Bits 15:8 of the 24-bit RTC minute counter
7:0
RTCMinute3
00h
R/W
Bits 23:16 of the 24-bit RTC minute counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com