Electronic Components Datasheet Search
  English  ▼

X  

AS3658F-BCTP Datasheet(PDF) 139 Page - ams AG

Part # AS3658F-BCTP
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658F-BCTP Datasheet(HTML) 139 Page - ams AG

Back Button AS3658F-BCTP Datasheet HTML 135Page - ams AG AS3658F-BCTP Datasheet HTML 136Page - ams AG AS3658F-BCTP Datasheet HTML 137Page - ams AG AS3658F-BCTP Datasheet HTML 138Page - ams AG AS3658F-BCTP Datasheet HTML 139Page - ams AG AS3658F-BCTP Datasheet HTML 140Page - ams AG AS3658F-BCTP Datasheet HTML 141Page - ams AG AS3658F-BCTP Datasheet HTML 142Page - ams AG AS3658F-BCTP Datasheet HTML 143Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 158 page
background image
Table 163. ADC LSB result register
Addr:98
ADC_LSB result
This register shows the LSB result of the ADC conversion
Bit
Bit Name
Default
Access
Description
Table 164. ADC IDAC register
Addr:46
ADC idac
This register controls the current sink on pin ADC_IN1
Bit
Bit Name
Default
Access
Description
www.austriamicrosystems.com
Revision 1v13
138 - 157
AS3658
Data Sheet Confidential - Deta il ed Descri ption - System Functi ons
Figure 58. ADC Timing-diagram
0
D0
NA
R
ADC result register
1
D1
NA
R
ADC result register
2
D2
NA
R
ADC result register
7:3
-
-
-
reserved (do not use)
0
adc_idac
000b
R/W
Current source at ADC_IN1 input
Set to 0000 if battery temperature supervision
is enabled.
0000
0µA (current sink disabled)
0001
1µA
...
1111
15 µA
I2C Bus
ADC_ON
Sample
275kHz
start_conversion=1
result_not ready
D<9:0>
old_Data
Data not valid
Data ready
start_adc
12
3
12
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com