Electronic Components Datasheet Search
  English  ▼

X  

AS3658F-BCTP Datasheet(PDF) 153 Page - ams AG

Part # AS3658F-BCTP
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658F-BCTP Datasheet(HTML) 153 Page - ams AG

Back Button AS3658F-BCTP Datasheet HTML 149Page - ams AG AS3658F-BCTP Datasheet HTML 150Page - ams AG AS3658F-BCTP Datasheet HTML 151Page - ams AG AS3658F-BCTP Datasheet HTML 152Page - ams AG AS3658F-BCTP Datasheet HTML 153Page - ams AG AS3658F-BCTP Datasheet HTML 154Page - ams AG AS3658F-BCTP Datasheet HTML 155Page - ams AG AS3658F-BCTP Datasheet HTML 156Page - ams AG AS3658F-BCTP Datasheet HTML 157Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
152 - 157
AS3658
Data Sheet Confidential - Register map
EQ_Band1
91
5Bh
00h
eq_band1_gain
EQ_Band2
92
5Ch
00h
eq_band2_gain
EQ_Band3
93
5Dh
00h
eq_band3_gain
EQ_HP
94
5Eh
00h
eq_hp_gain
EQ_preamp
95
5Fh
00h
eq_ pre_gain
ADC_control
96
60h
00h
start_con
version
adc_on
adc_slo
w
adc_select
ADC_MSB
result
97
61h
NA
result_no
t_ready
D9
D8
D7
D6
D5
D4
D3
ADC_LSB
result
98
62h
NA
D2
D1
D0
ChargerStatus
99
63h
NA
ChLinear
NoBat
EOC
CVM
Trickle
Resume
ChAct
ChDet
ChargerStatus_
usb
100
64h
NA
ch_over
voltage
batsw_o
n
batsw_
mode
USB_Ch
Act
USB_Ch
Det
DeltaChargeMS
B
101
65h
NA
sign
2
14
2
13
2
12
2
11
2
10
2
9
2
8
DeltaChargeLS
B
102
66h
NA
2
7
2
6
2
5
2
4
2
3
2
2
2
1
2
0
ElapsedTimeM
SB
103
67h
NA
2
15
2
14
2
13
2
12
2
11
2
10
2
9
2
8
ElapsedTimeLS
B
104
68h
NA
2
7
2
6
2
5
2
4
2
3
2
2
2
1
2
0
Reset Control
105
69h
NA
Onkey_r
eset_5s
reset_reason
xon_inp
ut
power_o
ff
force_re
set
Overtemperatu
re Control
106 6Ah
NA
rst_ov_t
emp_14
0
ov_temp
_140
ov_temp
_110
temp_p
mc_on
Boot_status
107 6Bh
NA
rom_
valid
rom_adr
tpen_xmsb
108 6Ch
NA
XD9
XD8
XD7
XD6
XD5
XD4
XD3
XD2
tpen_ymsb
109 6Dh
NA
YD9
YD8
YD7
YD6
YD5
YD4
YD3
YD2
tpen_pressmsb 110 6Eh
NA
PD9
PD8
PD7
PD6
PD5
PD4
PD3
PD2
tpen_xypressls
b
111
6Fh
NA
PD1
PD0
0
YD1
YD0
0
XD1
XD0
tpen – control 1 112
70h
00h
tpen_st_
pen
tpen_eo
c
tpen_avg
tpen_so
c
tpen_convint
tpen_on
tpen – control 2 113
71h
00h
tpen_soc
pd
tpen_wa
it
tpen_cur
rpress
tpen_pu
tpen – control 3 114
72h
00h
tpen_tim
eout_en
tpen_de
bounce
tpen_sample
ASIC ID 1
127 7Fh
NA
1
1
0
0
1
1
0
1
ASIC ID 2
128
80h
NA
0
1
0
1
rev
Reg_ standby
mod
129
81h
00h
cp_stby_
on
sd3_stb
y_on
sd2_stb
y_on
sd1_stb
y_on
ldo_dig2
_stby_o
n
ldo_dig1
_stby_o
n
ldo_rf2_
stby_on
ldo_rf1_
stby_on
Table 186. Register Map
Register
Definition
Content
Name
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com