Electronic Components Datasheet Search
  English  ▼

X  

AS3658F-BCTP Datasheet(PDF) 154 Page - ams AG

Part # AS3658F-BCTP
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658F-BCTP Datasheet(HTML) 154 Page - ams AG

Back Button AS3658F-BCTP Datasheet HTML 150Page - ams AG AS3658F-BCTP Datasheet HTML 151Page - ams AG AS3658F-BCTP Datasheet HTML 152Page - ams AG AS3658F-BCTP Datasheet HTML 153Page - ams AG AS3658F-BCTP Datasheet HTML 154Page - ams AG AS3658F-BCTP Datasheet HTML 155Page - ams AG AS3658F-BCTP Datasheet HTML 156Page - ams AG AS3658F-BCTP Datasheet HTML 157Page - ams AG AS3658F-BCTP Datasheet HTML 158Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 154 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
153 - 157
AS3658
Data Sheet Confidential - Register map
Usb_current_tri
m
130
82h
00
usb_add_trim_current<2:0>
i2s master
control1
131
83h
00
i2s_clk_divider<7:0>
i2s master
control2
132
84h
00
pcm_mo
de
sdo_on_
mclk1_e
n
i2s_mclk
_out_en
i2s_lrclk
_sclk_ou
t_en
i2s_mas
ter_on
i2s_clk_divider<10:8>
step Down
Control3
133
85h
00
sd3_uvli
mit
sd2_uvli
mit
sd1_uvli
mit
UniqueID0,
addrf0
197 C5h
NA
ID<7:0>, addrf<7:0>
UniqueID1,
addrf1
198 C6h
NA
ID<15:8>, addrf<15:8>
UniqueID2,
addrf2
199 C7h
NA
ID<23:16>, addrf<23:16>
UniqueID3,
addrf3
200 C8h
NA
ID<31:24>, addrf<31:24>
UniqueID4,
romf0
201 C9h
NA
ID<39:32>, romf0
UniqueID5,
romf1
202 CAh
NA
ID<47:40>, romf1
UniqueID6,
romf2
203 CBh
NA
ID<55:48>, romf2
UniqueID7,
romf3
204 CCh
NA
ID<63:56>, romf3
UniqueID8,
romf4
205 CDh
NA
ID<71:64>, romf4
UniqueID9,
romf5
206 CEh
NA
ID<79:72>, romf5
UniqueID10,
romf6
207 CFh
NA
ID<87:80>, romf6
Entries marked are read only
Entries are not reset in power off mode
Table 186. Register Map
Register
Definition
Content
Name
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com