Electronic Components Datasheet Search
  English  ▼

X  

MAX1270ACAI Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1270ACAI
Description  Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1270ACAI Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1270ACAI Datasheet HTML 2Page - Maxim Integrated Products MAX1270ACAI Datasheet HTML 3Page - Maxim Integrated Products MAX1270ACAI Datasheet HTML 4Page - Maxim Integrated Products MAX1270ACAI Datasheet HTML 5Page - Maxim Integrated Products MAX1270ACAI Datasheet HTML 6Page - Maxim Integrated Products MAX1270ACAI Datasheet HTML 7Page - Maxim Integrated Products MAX1270ACAI Datasheet HTML 8Page - Maxim Integrated Products MAX1270ACAI Datasheet HTML 9Page - Maxim Integrated Products MAX1270ACAI Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Multirange, +5V, 8-Channel,
Serial 12-Bit ADCs
6
_______________________________________________________________________________________
Note 1: Accuracy specifications tested at VDD = +5.0V. Performance at power-supply tolerance limit is guaranteed by power-supply
rejection test.
Note 2: External reference: VREF = 4.096V, offset error nulled. Ideal last-code transition = FS - 3/2 LSB.
Note 3: Ground “on” channel; sine wave applied to all “off” channels. VIN = ±5V (MAX1270), VIN = ±4V (MAX1271).
Note 4: Guaranteed by design, not production tested.
Note 5: Use static external loads during conversion for specified accuracy.
Note 6: Tested using internal reference.
Note 7: PSRR measured at full scale. Tested for the ±10V (MAX1270) and ±4.096V (MAX1271) input ranges.
Note 8: Acquisition phase and conversion time are dependent on the clock period; clock has 50% duty cycle (Figure 6).
Note 9: Not production tested. Provided for design guidance only.
TIMING CHARACTERISTICS
(VDD = +4.75V to +5.25V; unipolar/bipolar range; external reference mode, VREF = +4.096V; 4.7µF at REF; external clock; fCLK =
2.0MHz (MAX127_B); fCLK = 1.8MHz (MAX127_A); TA = TMIN to TMAX, unless otherwise noted. Typical values are TA = +25°C.)
(Figures 2, 5, 7, 10)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DIN to SCLK Setup
tDS
100
ns
DIN to SCLK Hold
tDH
0ns
SCLK Fall to Output Data Valid
tDO
20
170
ns
CS Fall to Output Enable
tDV
CLOAD = 100pF
120
ns
CS Rise to Output Disable
tTR
CLOAD = 100pF
100
ns
CS to SCLK Rise Setup
tCSS
100
ns
CS to SCLK Rise Hold
tCSH
0ns
SCLK Pulse-Width High
tCH
200
ns
SCLK Pulse-Width Low
tCL
200
ns
SCLK Fall to SSTRB
tSSTRB
CLOAD = 100pF
200
ns
CS to SSTRB Output Enable
tSDV
CLOAD = 100pF, external clock mode only
200
ns
CS to SSTRB Output Disable
tSTR
CLOAD = 100pF, external clock mode only
200
ns
SSTRB Rise to SCLK Rise
tSCK
Internal clock mode only (Note 4)
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com