Electronic Components Datasheet Search
  English  ▼

X  

AS3930 Datasheet(PDF) 17 Page - ams AG

Part # AS3930
Description  Single Channel Low Frequency Wakeup Receiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3930 Datasheet(HTML) 17 Page - ams AG

Back Button AS3930 Datasheet HTML 13Page - ams AG AS3930 Datasheet HTML 14Page - ams AG AS3930 Datasheet HTML 15Page - ams AG AS3930 Datasheet HTML 16Page - ams AG AS3930 Datasheet HTML 17Page - ams AG AS3930 Datasheet HTML 18Page - ams AG AS3930 Datasheet HTML 19Page - ams AG AS3930 Datasheet HTML 20Page - ams AG AS3930 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
www.ams.com/LF-Receiver/AS3930
Revision 1.5
17 - 32
AS3930
Datasheet - Detailed Descr i p ti on
Figure 15. Send Direct COMMAND Byte
8.2.3 SDI Timing
Figure 16. SDI Timing Diagram
Table 13. SDI Timing Parameters
Symbol
Parameter
Min
Typ
Max
Units
TCSCLK
Time CS to Sampling Data
500
ns
TDCLK
Time Data to Sampling Data
300
ns
THCL
SCLK High Time
200
ns
TCLK
SCLK period
1
µs
TCLKCS
Time Sampling Data to CS down
500
ns
TCST
CS Toggling time
500
ns
CS
SCLK
SDI
1
1
C5
C4
C3
C2
C1
C0
X
X
SCLK rising
edge Data is
transfered from
µC
SCLK
falling edge
Data is
sampled
CS falling edge
signals the end of
COMMAND Mode
Two leading
ONE indicate
COMMAND
Mode
CS
SPI
SCL
THCL
TCSCLK
t
t
t
TCLK
TDCLK
TCST
TCLKCS
SCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com