Electronic Components Datasheet Search
  English  ▼

X  

MAX3080CSD Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3080CSD
Description  Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3080CSD Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3080CSD Datasheet HTML 1Page - Maxim Integrated Products MAX3080CSD Datasheet HTML 2Page - Maxim Integrated Products MAX3080CSD Datasheet HTML 3Page - Maxim Integrated Products MAX3080CSD Datasheet HTML 4Page - Maxim Integrated Products MAX3080CSD Datasheet HTML 5Page - Maxim Integrated Products MAX3080CSD Datasheet HTML 6Page - Maxim Integrated Products MAX3080CSD Datasheet HTML 7Page - Maxim Integrated Products MAX3080CSD Datasheet HTML 8Page - Maxim Integrated Products MAX3080CSD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
AVAILABLE
EVALUATION KIT AVAILABLE
Functional Diagrams
Pin Configurations appear at end of data sheet.
Functional Diagrams continued at end of data sheet.
UCSP is a trademark of Maxim Integrated Products, Inc.
For pricing, delivery, and ordering information, please contact Maxim Direct
at 1-888-629-4642, or visit Maxim’s website at www.maximintegrated.com.
General Description
The MAX3080–MAX3089 high-speed transceivers for
RS-485/RS-422 communication contain one driver and
one receiver. These devices feature fail-safe circuitry,
which guarantees a logic-high receiver output when the
receiver inputs are open or shorted. This means that
the receiver output will be a logic high if all transmitters
on a terminated bus are disabled (high impedance).
The MAX3080/MAX3081/MAX3082 feature reduced
slew-rate drivers that minimize EMI and reduce reflec-
tions caused by improperly terminated cables, allowing
error-free data transmission up to 115kbps. The
MAX3083/MAX3084/MAX3085 offer higher driver out-
put slew-rate limits, allowing transmit speeds up to
500kbps. The MAX3086/MAX3087/MAX3088’s driver
slew rates are not limited, making transmit speeds up
to 10Mbps possible. The MAX3089’s slew rate is
selectable between 115kbps, 500kbps, and 10Mbps
by driving a selector pin with a single three-state driver.
These transceivers typically draw 375µA of supply
current when unloaded, or when fully loaded with the
drivers disabled.
All devices have a 1/8-unit-load receiver input imped-
ance that allows up to 256 transceivers on the bus. The
MAX3082/MAX3085/MAX3088 are intended for half-
duplex communications, while the MAX3080/MAX3081/
MAX3083/MAX3084/MAX3086/MAX3087 are intended
for full-duplex communications. The MAX3089 is selec-
table between half-duplex and full-duplex operation. It
also features independently programmable receiver
and transmitter output phase via separate pins.
Next Generation Device Features
♦ For Fault-Tolerant Applications:
MAX3430: ±80V Fault-Protected, Fail-Safe, 1/4-
Unit Load, +3.3V RS-485 Transceiver
♦ For Low-Voltage Applications:
MAX3362: +3.3V, High-Speed, RS-485/RS-422
Transceiver in a SOT23 Package
♦ For Multiple Transceiver Applications:
MAX3030E–MAX3033E: ±15kV ESD-Protected,
+3.3V, Quad, RS-422 Transmitters
MAX3040–MAX3045: ±10kV ESD-Protected, Quad,
+5V, RS-485/RS-422 Transmitters
Applications
RS-422/RS-485 Communications
Level Translators
Transceivers for EMI-Sensitive Applications
Industrial-Control Local Area Networks
Fail-Safe, High-Speed (10Mbps),
Slew-Rate-Limited RS-485/RS-422 Transceivers
19-1138; Rev 3; 12/05
Selection Table
*Pin-compatible with 75180, with additional features implemented using pins 1, 6, 8, and 13.
Ordering Information continued at end of data sheet.
Ordering Information
PART
MAX3080CSD
MAX3080CPD
MAX3080ESD
-40°C to +85°C
0°C to +70°C
0°C to +70°C
TEMP RANGE
PIN-PACKAGE
14 SO
14 Plastic DIP
14 SO
MAX3080EPD
-40°C to +85°C
14 Plastic DIP
Part
Half/Full
Duplex
Data
Rate
(Mbps)
Slew
Rate
Limited
Low-
Power
Shutdown
Receiver/
Driver
Enable
Quiescent
Current
(µA)
Transceivers
On
Bus
Pin
Count
Industry-
Standard
Pinout
MAX3080
Full
0.115
Yes
Yes
Yes
375
256
14
75180
MAX3081
Full
0.115
Yes
No
No
375
256
8
75179
MAX3082
Half
0.115
Yes
Yes
Yes
375
256
8
75176
MAX3083
Full
0.5
Yes
Yes
Yes
375
256
14
75180
MAX3084
Full
0.5
Yes
No
No
375
256
8
75179
MAX3085
Half
0.5
Yes
Yes
Yes
375
256
8
75176
MAX3086
Full
10
No
Yes
Yes
375
256
14
75180
MAX3087
Full
10
No
No
No
375
256
8
75179
MAX3088
Half
10
No
Yes
Yes
375
256
8
75176
MAX3089
Selectable
Selectable
Selectable
Yes
Yes
375
256
14
75180*
MAX3080–MAX3089


Similar Part No. - MAX3080CSD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3080CSD MAXIM-MAX3080CSD Datasheet
275Kb / 20P
Fail-Safe, High-Speed 10Mbps, Slew-Rate-Limited RS-485/RS-422 Transceivers
19-1138; Rev 1; 12/97
MAX3080CSD MAXIM-MAX3080CSD Datasheet
622Kb / 20P
Fail-Safe, High-Speed (10Mbps),Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3080CSD MAXIM-MAX3080CSD Datasheet
915Kb / 21P
Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3080CSD MAXIM-MAX3080CSD Datasheet
572Kb / 21P
Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3080CSD MAXIM-MAX3080CSD Datasheet
572Kb / 21P
Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
19-1138; Rev 3; 12/05
More results

Similar Description - MAX3080CSD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3080 MAXIM-MAX3080 Datasheet
275Kb / 20P
Fail-Safe, High-Speed 10Mbps, Slew-Rate-Limited RS-485/RS-422 Transceivers
19-1138; Rev 1; 12/97
MAX3483 MAXIM-MAX3483 Datasheet
197Kb / 16P
3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 12/94
MAX3080 MAXIM-MAX3080_07 Datasheet
622Kb / 20P
Fail-Safe, High-Speed (10Mbps),Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3080CPD MAXIM-MAX3080CPD Datasheet
915Kb / 21P
Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3085ECPA MAXIM-MAX3085ECPA Datasheet
242Kb / 20P
15,-15kVESD-Protected,Fail-Safe,High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 1; 5/06
MAX3080 MAXIM-MAX3080_14 Datasheet
572Kb / 21P
Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3080E MAXIM-MAX3080E Datasheet
213Kb / 20P
±15kVESD-Protected,Fail-Safe,High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 0; 9/00
MAX3080E MAXIM-MAX3080E_V01 Datasheet
242Kb / 20P
짹15kVESD-Protected,Fail-Safe,High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
19-1800; Rev 1; 5/06
MAX3080 MAXIM-MAX3080_V01 Datasheet
572Kb / 21P
Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
19-1138; Rev 3; 12/05
logo
AiT Semiconductor Inc.
A3085 AITSEMI-A3085 Datasheet
599Kb / 9P
RS-485 TRANSCEIVERS FAIL-SAFE, HIGH-SPEED SLEW-RATE-LIMITED
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com