Electronic Components Datasheet Search
  English  ▼

X  

AS3953A-BDFM Datasheet(PDF) 40 Page - ams AG

Part # AS3953A-BDFM
Description  14443 High Speed Passive Tag Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3953A-BDFM Datasheet(HTML) 40 Page - ams AG

Back Button AS3953A-BDFM Datasheet HTML 34Page - ams AG AS3953A-BDFM Datasheet HTML 35Page - ams AG AS3953A-BDFM Datasheet HTML 36Page - ams AG AS3953A-BDFM Datasheet HTML 37Page - ams AG AS3953A-BDFM Datasheet HTML 38Page - ams AG AS3953A-BDFM Datasheet HTML 39Page - ams AG AS3953A-BDFM Datasheet HTML 40Page - ams AG AS3953A-BDFM Datasheet HTML 41Page - ams AG AS3953A-BDFM Datasheet HTML 42Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 40 / 42 page
background image
www.ams.com
Revision 1.0
40 - 42
AS3953
Datasheet - D e l iv e r y F r am e D r a w i ng
10 Delivery Frame Drawing
Figure 18. Delivery Frame drawing for ‘8” cut DIEs on Foil in 12” Frame’ (see Ordering Information (page 41))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com