Electronic Components Datasheet Search
  English  ▼

X  

MAX13052ESA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX13052ESA
Description  Industry-Standard High-Speed CAN Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13052ESA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX13052ESA Datasheet HTML 1Page - Maxim Integrated Products MAX13052ESA Datasheet HTML 2Page - Maxim Integrated Products MAX13052ESA Datasheet HTML 3Page - Maxim Integrated Products MAX13052ESA Datasheet HTML 4Page - Maxim Integrated Products MAX13052ESA Datasheet HTML 5Page - Maxim Integrated Products MAX13052ESA Datasheet HTML 6Page - Maxim Integrated Products MAX13052ESA Datasheet HTML 7Page - Maxim Integrated Products MAX13052ESA Datasheet HTML 8Page - Maxim Integrated Products MAX13052ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
MAX13050/MAX13052/MAX13053/MAX13054
Industry-Standard High-Speed CAN
Transceivers with ±80V Fault Protection
2
Maxim Integrated
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC, VCC2 ...............................................................-0.3V to +6V
RS ...............................................................-0.3V to (VCC + 0.3V)
TXD, STBY, S, REF, RXD .........................................-0.3V to +6V
CANH, CANL, SPLIT ..........................................................± 80V
Continuous Power Dissipation (TA = +70°C)
8-Pin SO (derate 5.9mW/°C above +70°C) .................470mW
Operating Temperature Range .........................-40°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .................................-65°C +150°C
Lead Temperature (soldering, 10s) ................................+300°C
Soldering Temperature (reflow) ......................................+260°C
DC ELECTRICAL CHARACTERISTICS
(VCC = +5V ±5%, VCC2 = +3V to +3.6V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +5V, VCC2 = +3.3V,
RL = 60
Ω, and TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Dominant, RL = 60
Ω
72
MAX13050/MAX13052/
MAX13053
12.5
VCC Supply Current
ICC
Recessive
MAX13054
10
mA
VCC2 Supply Current
ICC2
MAX13054, TXD = VCC2 or unconnected
15
µA
MAX13052
25
Standby Current
ISTANDBY
MAX13050/MAX13054
11
µA
Silent Mode
ISILENT
MAX13053
12.5
mA
Thermal-Shutdown Threshold
TSH
+165
°C
Thermal-Shutdown Hysteresis
13
°C
INPUT LEVELS (TXD, STBY, S)
2
High-Level Input Voltage
VIH
TXD, STBY (MAX13054)
0.7 x
VCC2
V
0.8
Low-Level Input Voltage
VIL
TXD, STBY (MAX13054)
0.3 x
VCC2
V
VTXD = VCC, VTXD = VCC2 (MAX13054)
-5
+5
High-Level Input Current
IIH
VSTBY = VCC, VS = VCC (MAX13053)
-5
+5
µA
VTXD = GND
-300
-100
Low-Level Input Current
IIL
VSTBY = GND, VS = GND (MAX13053)
-10
-1
µA
Input Capacitance
CIN
10
pF
CANH, CANL TRANSMITTER
Normal mode, VTXD = VCC, no load
2
3
V
Recessive Bus Voltage
VCANH,
VCANL
Standby mode, no load
-100
+100
mV
VCANH, VCANL = ±76V
±3
Recessive Output Current
ICANH,
ICANL
-32V
≤ VCANH, VCANL ≤ +32V
-2.5
+2.5
mA
CANH Output Voltage
VCANH
VTXD = 0, dominant
3.0
4.25
V
CANL Output Voltage
VCANL
VTXD = 0, dominant
0.50
1.75
V
Matching Between CANH and
CANL Output Voltage
∆DOM
VTXD = 0, dominant, TA = +25°C,
(VCANH + VCANL) - VCC
-100
+150
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com