Electronic Components Datasheet Search
  English  ▼

X  

OPB960 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # OPB960
Description  Photologic짰 Slotted Optical Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OPB960 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  OPB960 Datasheet HTML 1Page - List of Unclassifed Manufacturers OPB960 Datasheet HTML 2Page - List of Unclassifed Manufacturers OPB960 Datasheet HTML 3Page - List of Unclassifed Manufacturers OPB960 Datasheet HTML 4Page - List of Unclassifed Manufacturers OPB960 Datasheet HTML 5Page - List of Unclassifed Manufacturers OPB960 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue C.1 1/10
Page 4 of 6
Photologic
®
Slotted Optical Switch
OPB960, OPB970, OPB980, OPB990 Series
OPTEK reserves the right to make any changes at any time in order to improve design and to supply the best product possible.
Absolute Maximum Ratings
Storage Temperature Range
-40°C to +85° C
Operating Temperature Range
-40°C to +70° C
Input Diode (E)
Input Diode Power Dissipation
100 mW ( 11)
Input Diode Forward D.C. Current, TA = 25°C
40 mA( 14)
Input Diode Reverse D.C. Voltage, TA = 25°C
2 V
Sensor (S)
Supply Voltage (VCC to Ground)
18 V ( 13)
Output Photologic
®
Power Dissipation
200 mW ( 12)
Voltage at Output Lead (Open-Collector Output), TA = 25°C
35V
Short Circuit Output Current to Ground (IOS ) 1 sec Max.
30 mA
Notes:
(11) Derate linearly 2.22 mW / °C above 25° C.
(12) Derate linearly 4.44 mW / °C above 25° C.
(13) Prior to 2004 Vcc was limited to 5.5V maximum.
(14) Do not connect input diode directly to a voltage source without an external current limiting resistor.
Block Diagram
Buffer Totem-Pole
OPB960/ OPB970/ OPB980/ OPB990
Inverter Totem-Pole
OPB962/ OPB972/ OPB982/ OPB992
Buffer Open-Collector
OPB961/ OPB971/ OPB981/ OPB991
Inverter Open-Collector
OPB963/ OPB973/ OPB983/ OPB993



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com