Electronic Components Datasheet Search
  English  ▼

X  

ROX1F100RBL Datasheet(PDF) 1 Page - Tyco Electronics

Part # ROX1F100RBL
Description  Flame-Proof Power Metal Oxide Film Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ROX1F100RBL Datasheet(HTML) 1 Page - Tyco Electronics

  ROX1F100RBL Datasheet HTML 1Page - Tyco Electronics ROX1F100RBL Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Type ROX Series
The resistive element comprises a
metal oxide film deposited on a
ceramic former. The element is
protected by a flameproof coating
which
will
withstand
overload
conditions
without
flame
or
mechanical damage. They are
recommended for use in applica-
tions such as line protection etc…
Key Features
■ High Power with Small
Size for Space Saving
■ Excellent Long Term
Stability
■ Complete Flameproof
Construction
■ High Surge/Overload
Capability
■ Controlled Temperature
Capability
■ Solvent Resistant Coat
and Code
■ Special Lead Formations
Possible
Characteristics -
Electrical
ROXO5
ROX1
ROX2
ROXO5S ROX1SS ROX1S
ROX2S
ROX3S
ROX5S
Rated Power @ 70°C (W):
0.5
1
2
0.5
1
1
2
3
5
Resistance Range (ohms) Min:
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
Max:
330K
470K
560K
100K
200R
270K
470K
560K
560K
Tolerance and Code Letter:
2% (G) / 5% (J)
1% (F) available on request
Temp. Coefficient Max (ppm/°C):
± 350
Selection Series:
E24
Limiting Element Voltage (V):
250
350
350
250
350
350
350
350
500
Maximum Overload Voltage (V):
400
600
600
400
400
600
600
600
800
Max Intermittent Overload
500
750
750
500
500
750
750
750
1500
Voltage (V):
Operating Temp. Range (°C):
-55 to +235
Climatic Category:
55/235/56
Dielectric Strength (V):
250
350
350
250
350
350
350
350
500
Insulation Resistance (Mohms):
1,000
Standard Range Leaded
Standard Range Pre-formed
"S" Range Leaded
"S" Range Pre-formed
Style
D max
L Max
l+/-3
d+/-0.05
ROX05
3.5
10
28
0.54
ROX1
5
12
25
0.7
ROX2
5.5
16
28
0.7
Style P1 ±0.5 P2 ±2
H1
H2
h max
ROXO5
12.5
12.5
7.5 ±1.5
3.5 ±1
2.0
ROX1
15
15
7.5 ±1.5
3.5 ±1
2.0
ROX2
20
20
7.5 ±2.0
3.5 ±1
3.0
Style P1 ±0.5 P2 ±2
H1
H2
h max
ROXO5S
10
10
7.5 ±1.5
3.5 ±1
2.0
ROX1SS
10
10
7.5 ±1.5
3.5 ±1
2.0
ROX1S
12.5
12.5
7.5 ±0.5
3.5 ±1
2.0
ROX2S
15
15
7.5 ±1.5
3.5 ±1
2.9
ROX3S
20
20
7.5 ±2.0
3.5 ±1
3.0
ROX5S
30
30
7.5 ±2.0
3.5 ±1
3.0
Style
D max
L Max
l+/-3
d+/-0.05
ROX05S
2.5
7.5
28
0.54
ROX1SS
2.5
7.5
28
0.54
ROX1S
3.5
10
28
0.54
ROX2S
5
12
25
0.7
ROX3S
5.5
16
28
0.7
ROX5S
8
25
38
0.75
L
d
D
Dimension “l” refers to loose
packaged product only
Mounting
The resistors are suitable for processing on automatic insertion equipment and cutting and bending machines.
Marking
The resistors are marked with a four-band colour code in accordance with IEC 62.
Grey base colour for Standard Range, Sea Blue colour for "S" Range.
Dimensions
Literature No. 1773271
Issued: 06-08
Dimensions are shown for
reference purposes only.
Dimensions are in
millimetres unless
otherwise specified.
Specifications subject to
change.
tycoelectronics.com
passives.tycoelectronics.com
Flame-Proof Power Metal
Oxide Film Resistors
Type ROX Series


Similar Part No. - ROX1F100RBL

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ROX1 MACOM-ROX1 Datasheet
122Kb / 2P
Flame-Proof Power Metal Oxide Film Resistors
ROX1 MACOM-ROX1 Datasheet
122Kb / 2P
Flame-Proof Power Metal Oxide Film Resistors
ROX1G100KBL MACOM-ROX1G100KBL Datasheet
122Kb / 2P
Flame-Proof Power Metal Oxide Film Resistors
ROX1G100RBL MACOM-ROX1G100RBL Datasheet
122Kb / 2P
Flame-Proof Power Metal Oxide Film Resistors
ROX1G1K0BL MACOM-ROX1G1K0BL Datasheet
122Kb / 2P
Flame-Proof Power Metal Oxide Film Resistors
More results

Similar Description - ROX1F100RBL

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
MO1S WELWYN-MO1S Datasheet
236Kb / 2P
Power Metal Oxide Film Resistors
logo
MERITEK ELECTRONICS COR...
MO1W-103JTR MERITEK-MO1W-103JTR Datasheet
111Kb / 1P
Metal Oxide Film Resistors (Flame proof construction UL-1412)
logo
Tyco Electronics
1625881-5 MACOM-1625881-5 Datasheet
73Kb / 1P
FLAME-PROOF POWER METAL OXIDE FILM RESISTORS SERIES ROX1
1625890 MACOM-1625890 Datasheet
91Kb / 1P
FLAME-PROOF POWER METAL OXIDE FILM RESISTORS SERIES ROX2S
1773271 MACOM-1773271 Datasheet
122Kb / 2P
Flame-Proof Power Metal Oxide Film Resistors
ROX2SJ820R MACOM-ROX2SJ820R Datasheet
122Kb / 2P
Flame-Proof Power Metal Oxide Film Resistors
ROX3SJ82R MACOM-ROX3SJ82R Datasheet
122Kb / 2P
Flame-Proof Power Metal Oxide Film Resistors
ROX2SJ1R2 MACOM-ROX2SJ1R2 Datasheet
122Kb / 2P
Flame-Proof Power Metal Oxide Film Resistors
ROX1SJ390R MACOM-ROX1SJ390R Datasheet
122Kb / 2P
Flame-Proof Power Metal Oxide Film Resistors
logo
Dubilier
DFR DUBILIER-DFR Datasheet
718Kb / 5P
Power Flame Proof Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com