Electronic Components Datasheet Search
  English  ▼

X  

SI3441DV Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI3441DV
Description  P-Channel 2.5-V (G-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3441DV Datasheet(HTML) 2 Page - Vishay Siliconix

  SI3441DV Datasheet HTML 1Page - Vishay Siliconix SI3441DV Datasheet HTML 2Page - Vishay Siliconix SI3441DV Datasheet HTML 3Page - Vishay Siliconix SI3441DV Datasheet HTML 4Page - Vishay Siliconix SI3441DV Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Si3441DV
Vishay Siliconix
www.vishay.com
2
Document Number: 71839
S-20211—Rev. G, 01-Apr-02
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 mA
- 0.45
- 0.95
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "8 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = - 20 V, VGS = 0 V
-1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = - 20 V, VGS = 0 V, TJ = 70_C
-5
mA
On State Drain Currenta
ID( )
VDS = - 5 V, VGS = - 4.5 V
-10
A
On-State Drain Currenta
ID(on)
VDS = - 5 V, VGS = - 2.5 V
-4
A
Drain Source On State Resistancea
r
VGS = - 4.5 V, ID = - 3.3 A
0.067
0.10
W
Drain-Source On-State Resistancea
rDS(on)
VGS = - 2.5 V, ID = - 2.9 A
0.100
0.135
W
Forward Transconductancea
gfs
VDS = - 10 V, ID = - 3.3 A
8
S
Diode Forward Voltagea
VSD
IS = - 1.6 A, VGS = 0 V
0.8
- 1.2
V
Dynamicb
Total Gate Charge
Qg
5.5
14
Gate-Source Charge
Qgs
VDS = - 10 V, VGS = - 4.5 V, ID = - 3.3 A
1.2
nC
Gate-Drain Charge
Qgd
1.1
Turn-On Delay Time
td(on)
15
50
Rise Time
tr
VDD = - 10 V, RL = 10 W
40
60
Turn-Off Delay Time
td(off)
VDD = - 10 V, RL = 10 W
ID ^ - 1.6 A, VGEN = - 4.5 V, RG = 6 W
40
80
ns
Fall Time
tf
50
70
Source-Drain Reverse Recovery Time
trr
IF = - 1.6 A, di/dt = 100 A/ms
50
80
Notes
a.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com