Electronic Components Datasheet Search
  English  ▼

X  

SLF6025 Datasheet(PDF) 3 Page - TDK Electronics

Part # SLF6025
Description  Inductors for Power Circuits Wound Ferrite SLFseries
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

SLF6025 Datasheet(HTML) 3 Page - TDK Electronics

  SLF6025 Datasheet HTML 1Page - TDK Electronics SLF6025 Datasheet HTML 2Page - TDK Electronics SLF6025 Datasheet HTML 3Page - TDK Electronics SLF6025 Datasheet HTML 4Page - TDK Electronics SLF6025 Datasheet HTML 5Page - TDK Electronics SLF6025 Datasheet HTML 6Page - TDK Electronics SLF6025 Datasheet HTML 7Page - TDK Electronics SLF6025 Datasheet HTML 8Page - TDK Electronics SLF6025 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
(3/49)
INDUC
T
O
RS
001-01 / 20130731 / inductor_commercial_power_slf_en.fm
• All specifications are subject to change without notice.
Inductors for Power Circuits
Wound Ferrite
FEATURES
Magnetic shield type wound inductor for power circuits.
Product lineup allows for various usages.
APPLICATION
Thin-screen TV, LCDs, AV equipment, gaming equipment, other electrical devices
PART NUMBER CONSTRUCTION
OPERATING TEMPERATURE RANGE, PACKAGE QUANTITY, PRODUCT WEIGHT
Operating temperature range includes self-temperature rise.
The Storage temperature range is for after the circuit board is mounted.
Product compatible with RoHS directive
Compatible with lead-free solders
Overview of the SLF Series
SLF
6025
T
-
4R7
M
1R5
-
PF
Series name
L×W×H Dimensions
Packaging style
Inductance
Inductance
tolerance
Rated current
Internal code
(mm)
(μH)
(A)
6025
6.0×6.0×2.5
T
Taping
1R0
1.0
M
±20%
R47
0.47
6028
6.0×6.0×2.8
100
10
N
±30%
2R2
2.2
6045
6.0×6.0×4.5
101
100
150
15
7032
7.0×7.0×3.2
7045
7.0×7.0×4.5
7055
7.0×7.0×5.5
10145
10.1×10.1×4.5
10165
10.1×10.1×6.8
12555
12.5×12.5×5.5
12565
12.5×12.5×6.5
12575
12.5×12.5×7.5
Type
Temperature range
Package quantity
Individual weight
Operating
temperature
Storage
temperature
(°C)
(°C)
(pieces/reel)
(g)
SLF6025
–40 to +105
–40 to +105
1000
0.3
SLF6028
–40 to +105
–40 to +105
1000
0.3
SLF6045
–40 to +105
–40 to +105
1000
0.4
SLF7032
–40 to +105
–40 to +105
1000
0.4
SLF7045
–40 to +105
–40 to +105
1000
0.6
SLF7055
–40 to +105
–40 to +105
1000
0.8
SLF10145
–40 to +105
–40 to +105
500
1.3
SLF10165
–40 to +105
–40 to +105
500
1.9
SLF12555
–40 to +105
–40 to +105
500
2.6
SLF12565
–40 to +105
–40 to +105
500
3.2
SLF12575
–40 to +105
–40 to +105
500
3.6
RoHS Directive Compliant Product: See the following for more details related to RoHS Directive compliant products. http://www.tdk.co.jp/rohs/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com