Electronic Components Datasheet Search
  English  ▼

X  

SLF10145 Datasheet(PDF) 46 Page - TDK Electronics

Part # SLF10145
Description  Inductors for Power Circuits Wound Ferrite SLFseries
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

SLF10145 Datasheet(HTML) 46 Page - TDK Electronics

Back Button SLF10145 Datasheet HTML 41Page - TDK Electronics SLF10145 Datasheet HTML 42Page - TDK Electronics SLF10145 Datasheet HTML 43Page - TDK Electronics SLF10145 Datasheet HTML 44Page - TDK Electronics SLF10145 Datasheet HTML 45Page - TDK Electronics SLF10145 Datasheet HTML 46Page - TDK Electronics SLF10145 Datasheet HTML 47Page - TDK Electronics SLF10145 Datasheet HTML 48Page - TDK Electronics SLF10145 Datasheet HTML 49Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 46 / 49 page
background image
(46/49)
INDUC
T
O
RS
001-01 / 20130731 / inductor_commercial_power_slf_en.fm
• All specifications are subject to change without notice.
SLF series 
SLF12575 Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
Rated current: smaller value of either Idc1 or Idc2.
Idc1: When based on the inductance change rate (10% below the initial value)
Idc2: When based on the temperature increase (Temperature increase of 40°C by self heating)
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
L measuring
frequency
(kHz)
DC resistance
(
: )±20%
Rated current(A)
Part No.
max.
(μH)
Tolerance
Idc1
Idc2
1.2
±30%
1
0.0069
13
8.2
SLF12575T-1R2N8R2-PF
2.7
±30%
1
0.0094
10
7
SLF12575T-2R7N7R0-PF
3.9
±30%
1
0.0104
9
6.7
SLF12575T-3R9N6R7-PF
5.6
±30%
1
0.0116
7.8
6.3
SLF12575T-5R6N6R3-PF
6.8
±30%
1
0.0131
7.2
5.9
SLF12575T-6R8N5R9-PF
10
±20%
1
0.0156
5.5
5.4
SLF12575T-100M5R4-PF
15
±20%
1
0.0184
4.7
5
SLF12575T-150M4R7-PF
22
±20%
1
0.0263
4
4
SLF12575T-220M4R0-PF
33
±20%
1
0.0395
3.2
3.4
SLF12575T-330M3R2-PF
47
±20%
1
0.0528
2.7
3
SLF12575T-470M2R7-PF
68
±20%
1
0.0778
2
2.4
SLF12575T-680M2R0-PF
100
±20%
1
0.125
1.9
1.9
SLF12575T-101M1R9-PF
150
±20%
1
0.175
1.5
1.6
SLF12575T-151M1R5-PF
220
±20%
1
0.258
1.3
1.3
SLF12575T-221M1R3-PF
Measurement item
Product No.
Manufacturer
L
4194A
Agilent Technologies
DC resistance
VP-2941A
Panasonic
Rated current Idc1
4284A+42841A+42842C
Agilent Technologies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com