Electronic Components Datasheet Search
  English  ▼

X  

SLF12575 Datasheet(PDF) 8 Page - TDK Electronics

Part # SLF12575
Description  Inductors for Power Circuits Wound Ferrite SLFseries
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

SLF12575 Datasheet(HTML) 8 Page - TDK Electronics

Back Button SLF12575 Datasheet HTML 4Page - TDK Electronics SLF12575 Datasheet HTML 5Page - TDK Electronics SLF12575 Datasheet HTML 6Page - TDK Electronics SLF12575 Datasheet HTML 7Page - TDK Electronics SLF12575 Datasheet HTML 8Page - TDK Electronics SLF12575 Datasheet HTML 9Page - TDK Electronics SLF12575 Datasheet HTML 10Page - TDK Electronics SLF12575 Datasheet HTML 11Page - TDK Electronics SLF12575 Datasheet HTML 12Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
(8/49)
INDUC
T
O
RS
001-01 / 20130731 / inductor_commercial_power_slf_en.fm
• All specifications are subject to change without notice.
SLF series 
SLF6025 Type
ELECTRICAL CHARACTERISTICS
INDUCTANCE VS. DC BIAS CHARACTERISTICS GRAPH
○ Measurement equipment
* Equivalent measurement equipment may be used.
100M
6R8M
4R7M
220M
330M
150M
DC current(A)
0.1
3
1
100
1000
300
30
10
1
0.3
3
10
Product No.
Manufacturer
4284A+42841A+42842C
Agilent Technologies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com