Electronic Components Datasheet Search
  English  ▼

X  

SLF10145 Datasheet(PDF) 2 Page - TDK Electronics

Part # SLF10145
Description  The SLF series are characterized by low profile, low DC resistance, and high current handling capacities
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

SLF10145 Datasheet(HTML) 2 Page - TDK Electronics

  SLF10145 Datasheet HTML 1Page - TDK Electronics SLF10145 Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
531_SLF10145
990803
Specifications which provide more details for the proper and safe use of the described product are available upon request.
All specifications are subject to change without notice.
531_SLF10145
(2/2)
Inductors
SLF Series SLF10145 Type
For Power Line
SMD
SHAPES AND DIMENSIONS/RECOMMENDED PC BOARD PATTERN
ELECTRICAL CHARACTERISTICS
∗ Rated current: Value obtained when current flows and the temperature has risen to 30°C or when DC current flows and the initial value of inductance has
fallen by 10%, whichever is smaller.
• Test equipment
L:YHP 4194A IMPEDANCE GAIN/PHASE ANALYZER, or equivalent (Measured at 1kHz/0.5V)
Rdc:MATSUSHITA VP-2941A DIGITAL MILLIOHM METER, or equivalent
TYPICAL ELECTRICAL CHARACTERISTICS
INDUCTANCE CHANGE vs. DC SUPERPOSITION
CHARACTERISTICS
Inductance
(µH)
Inductance
tolerance (%)
Test frequency
L (kHz)
DC resistance
(
Ω)±20%
Rated current (A)∗ max.
Part No.
Based on
inductance change
Based on
temperature rise
10
±20
1
0.0364
3
2.5
SLF10145T-100M2R5
15
±20
1
0.0472
2.4
2.2
SLF10145T-150M2R2
22
±20
1
0.0591
2.1
1.9
SLF10145T-220M1R9
33
±20
1
0.0815
1.6
1.7
SLF10145T-330M1R6
47
±20
1
0.1
1.4
1.5
SLF10145T-470M1R4
68
±20
1
0.14
1.2
1.3
SLF10145T-680M1R2
100
±20
1
0.2
1
1.1
SLF10145T-101M1R0
150
±20
1
0.35
0.79
0.81
SLF10145T-151MR79
220
±20
1
0.47
0.65
0.7
SLF10145T-221MR65
330
±20
1
0.68
0.54
0.58
SLF10145T-331MR54
470
±20
1
1.03
0.47
0.47
SLF10145T-471MR47
680
±20
1
1.6
0.38
0.38
SLF10145T-681MR38
1000
±20
1
2.8
0.32
0.29
SLF10145T-102MR29
1500
±20
1
3.4
0.22
0.26
SLF10145T-152MR22
10.1±0.3
Winding start mark
Marking
(Inductance code)
Weight: 1.3g typ.
Dimensions in mm
3±0.1
3.2
4.5±0.3
0.15typ.
DC current(A)
0.01
3
1
100
1000
300
30
10
10000
3000
0.1
0.3
0.03
3
110
1000
µH
330
µH
100
µH
33
µH
10
µH
A
L=0.1H C=20000
µF
Specimen
Test circuit
YHP model-4275A or equivalent
DC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com