Electronic Components Datasheet Search
  English  ▼

X  

HS9403 Datasheet(PDF) 2 Page - API Technologies Corp

Part # HS9403
Description  16-Channel, 12-Bit Data Acquisition System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

HS9403 Datasheet(HTML) 2 Page - API Technologies Corp

  HS9403 Datasheet HTML 1Page - API Technologies Corp HS9403 Datasheet HTML 2Page - API Technologies Corp HS9403 Datasheet HTML 3Page - API Technologies Corp HS9403 Datasheet HTML 4Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PACK AGE OUTLINE
SPECIFICATIO N S
(Typical @ + 25ºC and nominal power supplies unless otherwise specified)
A NA LOG INPUTS
HS 9403
Number of Input Channels
HS 9403-8
8 Differential
HS 9403-16
16 Single-Ended
Input V oltage Range1
Unipolar
0 to +10V
Bipolar
±10V
Common M ode V oltage Range
± 11V min
CM RR
G=1 (1 kHz)
74 dB
G=1000 (60 Hz)
110 dB
Input Bias Current
±50 pA typ
Bias Current Drift
Doubles every 10ºC
Input Offset Current
±25 pA typ.
Offset Current Drift
Doubles every 10ºC
Input Offset V oltage
±2 mV
Offset V oltage Drift
(20 + 7G)µ V /ºC
V oltage Noise (RTI)2
G=1
150 µ V (RM S)3
G=1000
1.6 µ V (RM S)3
Input Resistance
1012
Input Capacitance
OFF Channel
10 pF
ON Channel 9403-8
50 pF
9403-16
100 pF
DIGITA L INPUTS
Logic Levels
Logic “ 1”
+2V min,+5.5V max
Logic “ 0”
–0.3V min,+0.8V max
Logic Loading
Logic “ 1”
20 µA
Logic “ 0”
–0.2 mA
STA TIC PERFORM A NCE4
No M issing Codes
Guaranteed over operating
temperature range
Integral Linearity Error
±1/4LSB typ. ±1/2LSB max
Differential Linearity Error
±1/4LSB typ. ±1/2LSB max
Unipolar Offset Errors
±0.025% FSR typ.
±0.1% FSR6 max
Bipolar Zero Error5
±0.025% FSR typ.
±0.1% FSR6 max
Gain Error5
±0.025% typ. ±0.2% max
+ 10V REFERENCE
Output V oltage
+ 10.000V ± 10 mV
Output V oltage Drift
± 3 ppm/ºC typ, ± 8 ppm/ºC max
DY NA M IC PERFORM A NCE
Throughput Rate
50K Hz min
S/H A cquisition Time7.11
9µsec typ. 10µsec max.
A /D Conversion Time
10µsec max.
A perture Delay
25 nsec typ.
Sample-Hold Droop
0.1µV /µsec
Feedthrough (@ 1 kHz)8.11
±0.01% max.
M UX Crosstalk (@1 kHz)11
–80dB min.
Strobe Command Pulse W idth11
40 nsec min.
Setup time Digital Inputs to Strobe11 50 nsec min.
Hold Time Digital Inputs From Strobe1150 nsec max.
ENA BLE
Tri-State to V alid11
40 nsec max.
V alid to Teh-State11
30 nsec max.
DRIFT CHA RA CTERISTICS10
Integral Linearity
±1ppm/ºC typ, ±2 ppm/ºC max
Differential Linearity
±1ppm/ºC typ, ±2 ppm/ºC max
Unipolar Offset
±3ppm/ºC typ, ±7 ppm/ºC max
Bipolar Zero
±3ppm/ºC typ, ±10 ppm/ºC max
Gain
±8ppm/ºC typ, ±20ppm/ºC max
DIGITA L OUTPUTS
Logic Levels
Logic " 1"
2.4V min
Logic " 0"
0.4V max
Logic Coding
Unipolar Ranges
Straight binary
Bipolar Ranges
Offset binary
Fanout
5 TTL Loads
POW ER SUPPLIES
Power Supply Range
±15V
± 14.5V to ± 15.5V
+5V
+ 4.5V to +5.5V
Current Drains
+15V
55 mA typ. 60 mA max
–15V
60 mA typ, 68 mA max
+5V
32 mA typ, 45 mA max
Power Dissipation
1.4W typ.2.0W max
P.S.R.R. for 3 supplies
0.005% /% max
P.S.R.R.(+10V ref)
0.01 % /% max
TEM PERA TURE RA NGE
Operating C-Option
0ºCto +70ºC
Operating B-Option
–55ºCto +125ºC
Storage
–65ºCto +150ºC
A BSOLUTE M A XIM UM RA TINGS
+V CC
–0.5V to +18V
–V CC
+ 0.5V to -18V
V DD
–0.3 to +7V
A nalog Input Channels
±35V
Digital Inputs
–0.3toV DD +0.3V
Notes:
1. For unity gain.
2. Referred to input.
3. M easured at output of S/H.
4. Specifications refer to entire system from M UX input to A /D output
with instrumentation amplifier G= 1.
5. Initial offset and gain errors are adjustable to zero with optional external
6. FSR s full scale range. Unipolar FSR = 10V . Bipolar FSR = 20V . For a 12-bit
system.1 LSB = 0.024% FSR
7. Includes M UX switching and setting time. instrumentation amp unity gain
settling time and S/H acquisition time. Specified for 10V step setting
to 0.01 % FSR
8. M easured at S/H output with S/H in hold mode.
9. Includes M UX address. M UX enable, dear and load inputs.
10.Unipolar 10V FSR is the basis for parts per million specifications.
11.Guaranteed but not tested.
0.150
0.250
PIN SPACING IS 0.100
INCHES ±0.005 NON-
CUM ULATIVE
M AXIM UM PIN DIM ENSIONS
ARE 0.012 X 0.022 INCHES
BOTTOM VIEW
DOT ON TOP
REFERENCES
PIN 1
20 SPACES AT 0.100 EACH
0.035
TY P
1.250
62
1.400
TY P
2.300 TY P
0.160 TY P
0.0040
0.150
0.200
52
32
21
1
9
SPACES
AT 0.100
EACH
HS9403
Continued on next page.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com